Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL345BCCZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL345BCCZ-RL
Description  Digital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL345BCCZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADXL345BCCZ-RL Datasheet HTML 1Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 2Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 3Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 4Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 5Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 6Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 7Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 8Page - Analog Devices ADXL345BCCZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADXL345
Data Sheet
Rev. D | Page 4 of 40
SPECIFICATIONS
TA = 25°C, VS = 2.5 V, VDD I/O = 1.8 V, acceleration = 0 g, CS = 10 µF tantalum, CI/O = 0.1 µF, output data rate (ODR) = 800 Hz, unless
otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Test Conditions
Min
Typ1
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8, ±16
g
Nonlinearity
Percentage of full scale
±0.5
%
Inter-Axis Alignment Error
±0.1
Degrees
Cross-Axis Sensitivity2
±1
%
OUTPUT RESOLUTION
Each axis
All g Ranges
10-bit resolution
10
Bits
±2 g Range
Full resolution
10
Bits
±4 g Range
Full resolution
11
Bits
±8 g Range
Full resolution
12
Bits
±16 g Range
Full resolution
13
Bits
SENSITIVITY
Each axis
Sensitivity at XOUT, YOUT, ZOUT
All g-ranges, full resolution
230
256
282
LSB/g
±2 g, 10-bit resolution
230
256
282
LSB/g
±4 g, 10-bit resolution
115
128
141
LSB/g
±8 g, 10-bit resolution
57
64
71
LSB/g
±16 g, 10-bit resolution
29
32
35
LSB/g
Sensitivity Deviation from Ideal
All g-ranges
±1.0
%
Scale Factor at XOUT, YOUT, ZOUT
All g-ranges, full resolution
3.5
3.9
4.3
mg/LSB
±2 g, 10-bit resolution
3.5
3.9
4.3
mg/LSB
±4 g, 10-bit resolution
7.1
7.8
8.7
mg/LSB
±8 g, 10-bit resolution
14.1
15.6
17.5
mg/LSB
±16 g, 10-bit resolution
28.6
31.2
34.5
mg/LSB
Sensitivity Change Due to Temperature
±0.01
%/°C
0 g OFFSET
Each axis
0 g Output for XOUT, YOUT
−150
0
+150
mg
0 g Output for ZOUT
−250
0
+250
mg
0 g Output Deviation from Ideal, XOUT, YOUT
±35
mg
0 g Output Deviation from Ideal, ZOUT
±40
mg
0 g Offset vs. Temperature for X-, Y-Axes
±0.4
mg/°C
0 g Offset vs. Temperature for Z-Axis
±1.2
mg/°C
NOISE
X-, Y-Axes
ODR = 100 Hz for ±2 g, 10-bit resolution or
all g-ranges, full resolution
0.75
LSB rms
Z-Axis
ODR = 100 Hz for ±2 g, 10-bit resolution or
all g-ranges, full resolution
1.1
LSB rms
OUTPUT DATA RATE AND BANDWIDTH
User selectable
Output Data Rate (ODR)3, 4, 5
0.1
3200
Hz
SELF-TEST6
Output Change in X-Axis
0.20
2.10
g
Output Change in Y-Axis
−2.10
−0.20
g
Output Change in Z-Axis
0.30
3.40
g
POWER SUPPLY
Operating Voltage Range (VS)
2.0
2.5
3.6
V
Interface Voltage Range (VDD I/O)
1.7
1.8
VS
V
Supply Current
ODR ≥ 100 Hz
140
µA
ODR < 10 Hz
30
µA
Standby Mode Leakage Current
0.1
µA
Turn-On and Wake-Up Time7
ODR = 3200 Hz
1.4
ms


Similar Part No. - ADXL345BCCZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345BCCZ-RL1 AD-ADXL345BCCZ-RL1 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
ADXL345BCCZ-RL71 AD-ADXL345BCCZ-RL71 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
More results

Similar Description - ADXL345BCCZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com