Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR540BRTZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR540BRTZ-REEL7
Description  High Precision Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540BRTZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR540BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR540BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 7 of
16
PARAMETER DEFINITIONS
TEMPERATURE COEFFICIENT
Temperature coefficient is defined as the change in output
voltage with respect to operating temperature changes and is
normalized by the output voltage at 25°C. This parameter is
expressed in ppm/°C and is determined by the following
equation:
6
1
2
1
2
10
)
(
C)
25
(
)
(
)
(
C
ppm
×
×
°
=
⎥⎦
⎢⎣
°
T
T
V
T
V
T
V
TCV
OUT
OUT
OUT
O
(1)
where:
VOUT(T2)
= VOUT at Temperature 2.
VOUT(T1)
= VOUT at Temperature 1.
VOUT
(25°C) = VOUT at 25°C.
THERMAL HYSTERESIS
Thermal hysteresis is defined as the change in output voltage
after the device is cycled through temperatures ranging from
+25°C to −40°C, then to +85°C, and back to +25°C. The
following equation expresses a typical value from a sample of
parts put through such a cycle:
6
_
_
_
_
10
C)
25
(
C)
25
(
[ppm]
C)
25
(
×
°
°
=
°
=
OUT
END
OUT
OUT
HYS
OUT
END
OUT
OUT
HYS
OUT
V
V
V
V
V
V
V
(2)
where:
VOUT(
25°C) = VOUT at 25°C.
VOUT_END
= VOUT at 25°C after a temperature cycle from +25°C to
−40°C, then to +85°C, and back to +25°C.


Similar Part No. - ADR540BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR540BRT-R2 AD-ADR540BRT-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR540BRT-REEL7 AD-ADR540BRT-REEL7 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
More results

Similar Description - ADR540BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com