Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC836BS Datasheet(PDF) 7 Page - Analog Devices

Part # ADUC836BS
Description  MicroConverter, Dual 16-Bit
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836BS Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUC836BS Datasheet HTML 3Page - Analog Devices ADUC836BS Datasheet HTML 4Page - Analog Devices ADUC836BS Datasheet HTML 5Page - Analog Devices ADUC836BS Datasheet HTML 6Page - Analog Devices ADUC836BS Datasheet HTML 7Page - Analog Devices ADUC836BS Datasheet HTML 8Page - Analog Devices ADUC836BS Datasheet HTML 9Page - Analog Devices ADUC836BS Datasheet HTML 10Page - Analog Devices ADUC836BS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
–6–
ADuC836
ADuC836
–7–
Parameter
ADuC836
Test Conditions/Comments
Unit
POWER REQUIREMENTS
DVDD and AVDD Can Be Set Independently
Power Supply Voltages
AVDD, 3 V Nominal Operation
2.7
V min
3.6
V max
AVDD, 5 V Nominal Operation
4.75
V min
5.25
V max
DVDD, 3 V Nominal Operation
2.7
V min
3.6
V max
DVDD, 5 V Nominal Operation
4.75
V min
5.25
V max
5 V POWER CONSUMPTION
DVDD = 4.75 V to 5.25 V, AVDD = 5.25 V
Power Supply Currents Normal Mode18, 19
DVDD Current
4
Core CLK = 1.57 MHz
mA max
DVDD Current
13
Core CLK = 12.58 MHz
mA typ
16
Core CLK = 12.58 MHz
mA max
AVDD Current
180
Core CLK = 1.57 MHz or 12.58 MHz
A max
Power Supply Currents Power-Down Mode18, 19
Core CLK = 1.57 MHz or 12.58 MHz
DVDD Current
53
TMAX = 85°C; Osc. On,TIC On
A max
100
TMAX = 125°C; Osc. On,TIC On
A max
DVDD Current
30
TMAX = 85°C; Osc. Off
A max
80
TMAX = 125°C; Osc. Off
A max
AVDD Current
1
TMAX = 85°C; Osc. On or Osc. Off
A max
3
TMAX = 125°C; Osc. On or Osc. Off
A max
Typical Additional Power Supply Currents
Core CLK = 1.57 MHz
(AIDD and DIDD)
PSM Peripheral
50
A typ
Primary ADC
1
mA typ
Auxiliary ADC
500
A typ
DAC
150
A typ
Dual Current Sources
400
A typ
3 V POWER CONSUMPTION
DVDD = 2.7 V to 3.6 V
Power Supply Currents Normal Mode18, 19
DVDD Current
2.3
Core CLK = 1.57 MHz
mA max
DVDD Current
8
Core CLK = 12.58 MHz
mA typ
10
Core CLK = 12.58 MHz
mA max
AVDD Current
180
AVDD = 5.25 V, Core CLK = 1.57 MHz
or 12.58 MHz
A max
Power Supply Currents Power-Down Mode18, 19
Core CLK = 1.57 MHz or 12.58 MHz
DVDD Current
20
TMAX = 85°C; Osc. On,TIC On
A max
40
TMAX = 125°C; Osc. On,TIC On
A max
DVDD Current
10
Osc. Off
A typ
AVDD Current
1
AVDD = 5.25 V;TMAX = 85°C;
Osc. On or Osc. Off
A max
3
AVDD = 5.25 V;TMAX = 125°C;
Osc. On or Osc. Off
A max
REV. A
REV. A


Similar Part No. - ADUC836BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836BS AD-ADUC836BS Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BS AD-ADUC836BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Similar Description - ADUC836BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com