Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC836BSZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC836BSZ
Description  MicroConverter, Dual 16-Bit
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836BSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC836BSZ Datasheet HTML 6Page - Analog Devices ADUC836BSZ Datasheet HTML 7Page - Analog Devices ADUC836BSZ Datasheet HTML 8Page - Analog Devices ADUC836BSZ Datasheet HTML 9Page - Analog Devices ADUC836BSZ Datasheet HTML 10Page - Analog Devices ADUC836BSZ Datasheet HTML 11Page - Analog Devices ADUC836BSZ Datasheet HTML 12Page - Analog Devices ADUC836BSZ Datasheet HTML 13Page - Analog Devices ADUC836BSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
ADuC836
–10–
ADuC836
–11–
PIN FUNCTION DESCRIPTIONS
Pin No. Pin No.
52-Lead 56-Lead
MQFP CSP
Mnemonic
Type* Description
1, 2
56, 1
P1.0/P1.1
I/O
P1.0 and P1.1 can function as digital inputs or digital outputs and have a pull-up
configuration as described for Port 3. P1.0 and P1.1 have an increased current drive
sink capability of 10 mA.
P1.0/T2/PWM0
I/O
P1.0 and P1.1 also have various secondary functions as described below. P1.0 can be
used to provide a clock input to Timer 2.When enabled, Counter 2 is incremented
in response to a negative transition on the T2 input pin. If the PWM is enabled, the
PWM0 output will appear at this pin.
P1.1/T2EX/PWM1 I/O
P1.1 can also be used to provide a control input to Timer 2.When enabled, a PWM1
negative transition on the T2EX input pin will cause a Timer 2 capture or reload event.
If the PWM is enabled, the PWM1 output will appear at this pin.
3–4,
2–3,
P1.2–P1.7
I
Port 1.2 to Port 1.7 have no digital output driver; they can function as a digital input
9–12
11–14
for which 0 must be written to the port bit. As a digital input, these pins must be
driven high or low externally.These pins also have the following analog functionality:
P1.2/DAC/IEXC1 I/O
The voltage output from the DAC or one or both current sources (200 µA or
2  200 µA) can be configured to appear at this pin.
P1.3/AIN5/IEXC2 I/O
Auxiliary ADC input or one or both current sources can be configured at this pin.
PLL WITH PROG.
CLOCK DIVIDER
WATCHDOG
TIMER
2304 BYTES
USER RAM
POWER SUPPLY
MONITOR
AIN3
AIN4
AIN5
AIN1
AIN2
REFIN
REFIN
IEXC 2
IEXC 1
AIN
MUX
TEMP
SENSOR
AIN
MUX
BAND GAP
REFERENCE
VREF
DETECT
CURRENT
SOURCE
MUX
200A
200A
5
6
20
21 35
26
27
14
13
43
44 45 46 49 50 51 52
BUF
ADuC836
AUXILIARY ADC
16-BIT
- ADC
ADC CONTROL
AND
CALIBRATION
PGA
PRIMARY ADC
16-BIT
- ADC
ADC
CONTROL
AND
CALIBRATION
3
22
T0
23
T1
2
T2EX
T2
1
INT0
INT1
DAC
40
41
17
16
4 KBYTES DATA
FLASH/EE
62 KBYTES PROGRAM/
FLASH/EE
UART
SERIAL PORT
8052
MCU
CORE
DOWNLOADER
DEBUGGER
BUF
SPI/I2C SERIAL
INTERFACE
16-BIT
COUNTER
TIMERS
WAKE-UP/
RTC TIMER
33
OSC
1
2
3
4
9
10 11 12
28 29 30 31 36
39
38
37
16 17 18 19 22
23 24 25
12-BIT
VOLTAGE
OUTPUT DAC
2  DATA POINTERS
11-BIT STACK POINTER
PWM0
PWM1
PWM
CONTROL
1
2
32
42
15
48
34
47
UART
TIMER
*PIN NUMBERS REFER TO THE 52-LEAD MQFP PACKAGE
SHADED AREAS REPRESENT THE NEW FEATURES OF THE ADuC836 OVER THE ADuC816
DUAL
16-BIT
- DAC
DUAL
16-BIT
PWM
MUX
DAC
CONTROL
POR
18
19
Figure 1. Detailed Block Diagram
REV. A
REV. A


Similar Part No. - ADUC836BSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836BS AD-ADUC836BS Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BS AD-ADUC836BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Similar Description - ADUC836BSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com