![]() |
Electronic Components Datasheet Search |
|
ADP5589CP-EVALZ Datasheet(PDF) 49 Page - Analog Devices |
|
ADP5589CP-EVALZ Datasheet(HTML) 49 Page - Analog Devices |
49 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 49 of 52 OUTLINE DIMENSIONS 0.40 BSC 0.50 0.40 0.30 0.25 0.20 0.15 COMPLIANT TO JEDEC STANDARDS MO-220-WFFE. BOTTOM VIEW TOP VIEW EXPOSED PAD PIN 1 INDICATOR 3.60 3.50 SQ 3.40 SEATING PLANE 0.80 0.75 0.70 0.05 MAX 0.02 NOM 0.203 REF 0.20 MIN COPLANARITY 0.08 PIN 1 INDICATOR 1 24 7 12 13 18 19 6 FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. 2.30 2.20 SQ 2.10 Figure 32. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ] 3.5 mm × 3.5 mm Body, Very Very Thin Quad (CP-24-11) Dimensions shown in millimeters A B C D E 0.560 0.500 0.440 SIDE VIEW 0.230 0.200 0.170 0.300 0.260 0.220 COPLANARITY 0.05 SEATING PLANE 1 2 3 4 5 BOTTOM VIEW (BALL SIDE UP) TOP VIEW (BALL SIDE DOWN) BALL A1 IDENTIFIER 0.40 REF 1.60 REF 2.030 1.990 SQ 1.950 Figure 33. 25-Ball Wafer Level Chip Scale Package [WLCSP] (CB-25-5) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Package Description Package Option ADP5589ACPZ-00-R7 −40°C to +85°C 24-Lead Lead Frame Chip Scale Package[LFCSP_WQ] CP-24-11 ADP5589ACPZ-01-R7 −40°C to +85°C 24-Lead Lead Frame Chip Scale Package[LFCSP_WQ] CP-24-11 ADP5589ACPZ-02-R7 −40°C to +85°C 24-Lead Lead Frame Chip Scale Package[LFCSP_WQ] CP-24-11 ADP5589ACBZ-00-R7 −40°C to +85°C 25-Ball Wafer Level Chip Scale Package[WLCSP] CB-25-5 ADP5589ACBZ-01-R7 −40°C to +85°C 25-Ball Wafer Level Chip Scale Package[WLCSP] CB-25-5 ADP5589ACBZ-02-R7 −40°C to +85°C 25-Ball Wafer Level Chip Scale Package[WLCSP] CB-25-5 ADP5589CP-EVALZ Evaluation Board 1 Z = RoHS Compliant Part. |
|