Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM213ARS-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADM213ARS-REEL
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213ARS-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM213ARS-REEL Datasheet HTML 2Page - Analog Devices ADM213ARS-REEL Datasheet HTML 3Page - Analog Devices ADM213ARS-REEL Datasheet HTML 4Page - Analog Devices ADM213ARS-REEL Datasheet HTML 5Page - Analog Devices ADM213ARS-REEL Datasheet HTML 6Page - Analog Devices ADM213ARS-REEL Datasheet HTML 7Page - Analog Devices ADM213ARS-REEL Datasheet HTML 8Page - Analog Devices ADM213ARS-REEL Datasheet HTML 9Page - Analog Devices ADM213ARS-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 6 of 16
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM208
C1–
V+
C1+
VCC
GND
T2OUT
T1OUT
R2IN
R2OUT
R1IN
R1OUT
T1IN
C2+
C2–
V–
R4IN
R4OUT
T3OUT
R3IN
R3OUT
T4IN
T2IN
T3IN
T4OUT
Figure 6. ADM208 PDIP/SOIC/SSOP Pin Configuration
0.1
µF
6.3V
+
+
0.1
µF
5V INPUT
+
0.1
µF
16V
0.1
µF
6.3V
+
0.1
µF
16V
+
T1
T2
T3
T4
R1
R2
R3
R4
GND
ADM208
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
R4OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
R4IN
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
C1+
C1–
C2+
C2–
VCC
V+
V–
NOTES
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
20
23
7
16
15
3
9
11
4
17
21
19
22
14
13
6
18
5
10
12
24
1
2
8
Figure 7. ADM208 Typical Operating Circuit
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM209
R4IN
R4OUT
R5OUT
R5IN
V–
R1OUT
R1IN
GND
VCC
C–
C+
V+
T3OUT
NC
T3IN
R3OUT
T1IN
T2IN
R2OUT
R2IN
R3IN
T1OUT
T2OUT
EN
Figure 8. ADM209 PDIP/SOIC/SSOP Pin Configuration
0.1
µF
16V
+
C1+
C1–
+
0.1
µF
5V INPUT
0.1
µF
16V
T1
T2
T3
R1
R2
R3
R4
R5
GND
ADM209
T1IN
T2IN
T3IN
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
T1OUT
T2OUT
T3OUT
R1IN
R2IN
R3IN
R4IN
R5IN
NC
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
+12V TO –12V
VOLTAGE
INVERTER
VCC
V+
V–
+
9V TO 13.2V
INPUT
NOTES
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EN
2
9
21
15
8
12
4
5
11
14
22
1
10
24
18
17
16
23
6
7
13
20
19
3
Figure 9. ADM209 Typical Operating Circuit


Similar Part No. - ADM213ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results

Similar Description - ADM213ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com