Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2830ACPZ32 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2830ACPZ32
Description  Continuous Wave Laser Average Power Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2830ACPZ32 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2830ACPZ32 Datasheet HTML 2Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 3Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 4Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 5Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 6Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 7Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 8Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 9Page - Analog Devices ADN2830ACPZ32 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADN2830
–10–
REV. B
OUTLINE DIMENSIONS
Figure 7. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADN2830ACPZ32
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADN2830-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
REVISION HISTORY
3/12—Rev. A to Rev. B
Added EPAD Notation .....................................................................4
Updated Outline Dimensions........................................................10
Changes to Ordering Guide...........................................................10
6/03—Rev. 0 to Rev. A
Changes to Absolute Maximum Ratings........................................3
Updated Outline Dimensions........................................................10
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03020-0-3/12(B)


Similar Part No. - ADN2830ACPZ32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2830ACP32 AD-ADN2830ACP32 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACP32-REEL AD-ADN2830ACP32-REEL Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACP32-REEL7 AD-ADN2830ACP32-REEL7 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
More results

Similar Description - ADN2830ACPZ32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
JDS Uniphase Corporatio...
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com