Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2816ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2816ACPZ
Description  Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2816ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2816ACPZ Datasheet HTML 4Page - Analog Devices ADN2816ACPZ Datasheet HTML 5Page - Analog Devices ADN2816ACPZ Datasheet HTML 6Page - Analog Devices ADN2816ACPZ Datasheet HTML 7Page - Analog Devices ADN2816ACPZ Datasheet HTML 8Page - Analog Devices ADN2816ACPZ Datasheet HTML 9Page - Analog Devices ADN2816ACPZ Datasheet HTML 10Page - Analog Devices ADN2816ACPZ Datasheet HTML 11Page - Analog Devices ADN2816ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADN2816
Data Sheet
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCC 1
VCC 2
VREF 3
PIN 1
INDIC ATOR
TOP VIEW
(Not to Scale)
24 VCC
23 VEE
22 NC
21 SDA
20 SCK
19 SADDR5
18 VCC
17 VEE
NIN 4
PIN 5
NC 6
NC 7
VEE 8
ADN2816*
* THERE IS AN EXPOSED PAD ON THE BOTTOM OF
THE PACKAGE THAT MUST BE CONNECTED TO GND.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
VCC
AI
Connect to VCC.
2
VCC
P
Power for Limiting Amplifier, LOS.
3
VREF
AO
Internal VREF Voltage. Decouple to GND with a 0.1 µF capacitor.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6, 7
NC
No Connect.
8
VEE
P
GND for Limiting Amplifier, LOS.
9
NC
No Connect.
10
REFCLKP
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
11
REFCLKN
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
12
VCC
P
VCO Power.
13
VEE
P
VCO GND.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
LOL
DO
Loss-of-Lock Indicator. LVTTL active high.
17
VEE
P
FLL Detector GND.
18
VCC
P
FLL Detector Power.
19
SADDR5
DI
Slave Address Bit 5.
20
SCK
DI
I2C Clock Input.
21
SDA
DI
I2C Data Input.
22
NC
No Connect.
23
VEE
P
Output Buffer, I2C GND.
24
VCC
P
Output Buffer, I2C Power.
25
CLKOUTN
DO
Differential Recovered Clock Output. LVDS.
26
CLKOUTP
DO
Differential Recovered Clock Output. LVDS.
27
SQUELCH
DI
Disable Clock and Data Outputs. Active high. LVTTL.
28
DATAOUTN
DO
Differential Recovered Data Output. LVDS.
29
DATAOUTP
DO
Differential Recovered Data Output. LVDS.
30
VEE
P
Phase Detector, Phase Shifter GND.
31
VCC
P
Phase Detector, Phase Shifter Power.
32
VCC
AI
Connect to VCC.
Exposed Pad
Pad
P
Connect to GND. Works as a heat sink.
1
Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.


Similar Part No. - ADN2816ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2816XCPZ AD-ADN2816XCPZ Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
More results

Similar Description - ADN2816ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com