Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM9240ARU Datasheet(PDF) 9 Page - Analog Devices

Part # ADM9240ARU
Description  Low Cost Microprocessor System Hardware Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240ARU Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM9240ARU Datasheet HTML 5Page - Analog Devices ADM9240ARU Datasheet HTML 6Page - Analog Devices ADM9240ARU Datasheet HTML 7Page - Analog Devices ADM9240ARU Datasheet HTML 8Page - Analog Devices ADM9240ARU Datasheet HTML 9Page - Analog Devices ADM9240ARU Datasheet HTML 10Page - Analog Devices ADM9240ARU Datasheet HTML 11Page - Analog Devices ADM9240ARU Datasheet HTML 12Page - Analog Devices ADM9240ARU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADM9240
–9–
REV. 0
Table I. A/D Output Code vs. VIN
Input Voltage
A/D Output
+12 VIN
+5 VIN
+3.3 VIN
+2.5 VIN
+VCCP1
+VCCP2
Decimal
Binary
<0.062
<0.026
<0.0172
<0.013
<0.014
<0.014
0
00000000
0.062–0.125
0.026–0.052
0.017–0.034
0.013–0.026
0.014–0.028
0.014–0.028
1
00000001
0.125–0.187
0.052–0.078
0.034–0.052
0.026–0.039
0.028–0.042
0.028–0.042
2
00000010
0.188–0.250
0.078–0.104
0.052–0.069
0.039–0.052
0.042–0.056
0.042–0.056
3
00000011
0.250–0.313
0.104–0.130
0.069–0.086
0.052–0.065
0.056–0.070
0.056–0.070
4
00000100
0.313–0.375
0.130–0.156
0.086–0.103
0.065–0.078
0.070–0.084
0.070–0.084
5
00000101
0.375–0.438
0.156–0.182
0.103–0.120
0.078–0.091
0.084–0.098
0.084–0.098
6
00000110
0.438–0.500
0.182–0.208
0.120–0.138
0.091–0.104
0.098–0.112
0.098–0.112
7
00000111
0.500–0.563
0.208–0.234
0.138–0.155
0.104–0.117
0.112–0.126
0.112–0.126
8
00001000
l
l
l
4.000–4.063
1.666–1.692
1.100–1.117
0.833–0.846
0.900–0.914
0.900–0.914
64 (1/4 Scale)
01000000
l
l
l
8.000–8.063
3.330–3.560
2.200–2.217
1.667–1.680
1.800–1.814
1.800–1.814
128 (1/2 Scale)
10000000
l
l
l
12.000–12.063
5.000–5.026
3.300–3.317
2.500–2.513
2.700–2.714
2.700–2.714
192 (3/4 Scale)
11000000
l
l
l
15.313–15.375
6.380–6.406
4.210–4.230
3.190–3.203
3.445–3.459
3.445–3.459
245
11110101
15.375–15.438
6.406–6.432
4.230–4.245
3.203–3.216
3.459–3.473
3.459–3.473
246
11110110
15.438–15.500
6.432–6.458
4.245–4.263
3.216–3.229
3.473–3.487
3.473–3.487
247
11110111
15.500–15.563
6.458–6.484
4.263–4.280
3.229–3.242
3.487–3.501
3.487–3.501
248
11111000
15.563–15.625
6.484–6.510
4.280–4.300
3.242–3.255
3.501–3.515
3.501–3.515
249
11111001
15.625–15.688
6.510–6.536
4.300–4.314
3.255–3.268
3.515–3.529
3.515–3.529
250
11111010
15.688–15.750
6.536–6.562
4.314–4.331
3.268–3.281
3.529–3.543
3.529–3.543
251
11111011
15.750–15.813
6.562–6.588
4.331–4.348
3.281–3.294
3.543–3.558
3.543–3.558
252
11111100
15.813–15.875
6.588–6.615
4.348–4.366
3.294–3.307
3.558–3.572
3.558–3.572
253
11111101
15.875–15.938
6.615–6.640
4.366–4.383
3.307–3.320
3.572–3.586
3.572–3.586
254
11111110
>15.938
>6.640
>4.383
>3.320
>3.586
>3.586
255
11111111
The input ranges of the analog inputs are shown in more detail
in Table I.
The +VCCP1 and +VCCP2 inputs are used to measure processor
core voltages, and have an input range from 0 V to 3.6 V. If
only a single processor core voltage is being monitored, the
VCCP2 input may be used to monitor the –12 V supply. This is
achieved by using a resistive divider network referenced to a
known positive dc voltage. This is illustrated in Figure 4.
INPUT CIRCUITS
The internal structure for the analog inputs is shown in Figure
3. Each input circuit consists of an input protection diode, an
attenuator, plus a capacitor to form a first order low-pass filter
which gives the input immunity to high frequency noise.
MUX
+VCCP2
97.3k
50pF
42.7k
+5V
22.7k
35pF
122.2k
55.2k
25pF
91.6k
80.9k
25pF
61.1k
111.2k
25pF
36.7k
97.3k
50pF
42.7k
+12V
+3.3V
+2.5V
+VCCP1
Figure 3. Internal Structure of Analog Inputs


Similar Part No. - ADM9240ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9240ARU AD-ADM9240ARU Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
More results

Similar Description - ADM9240ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com