Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1066ASUZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1066ASUZ
Description  Super Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066ASUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1066ASUZ Datasheet HTML 4Page - Analog Devices ADM1066ASUZ Datasheet HTML 5Page - Analog Devices ADM1066ASUZ Datasheet HTML 6Page - Analog Devices ADM1066ASUZ Datasheet HTML 7Page - Analog Devices ADM1066ASUZ Datasheet HTML 8Page - Analog Devices ADM1066ASUZ Datasheet HTML 9Page - Analog Devices ADM1066ASUZ Datasheet HTML 10Page - Analog Devices ADM1066ASUZ Datasheet HTML 11Page - Analog Devices ADM1066ASUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADM1066
Rev. E | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage on VH Pin
16 V
Voltage on VPx Pins
7 V
Voltage on VXx Pins
−0.3 V to +6.5 V
Voltage on AUX1, AUX2 Pins
−0.3 V to +5 V
Voltage on A0, A1 Pins
−0.3 V to +7 V
Voltage on REFIN, REFOUT Pins
5 V
Voltage on VDDCAP, VCCP Pins
6.5 V
Voltage on DACx Pins
6.5 V
Voltage on PDOx Pins
16 V
Voltage on SDA, SCL Pins
7 V
Voltage on GND, AGND, PDOGND, REFGND Pins
−0.3 V to +0.3 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature,
Soldering Vapor Phase, 60 sec
215°C
ESD Rating, All Pins
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
40-Lead LFCSP
25
°C/W
48-Lead TQFP
50
°C/W
ESD CAUTION


Similar Part No. - ADM1066ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ASU AD-ADM1066ASU Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-REEL AD-ADM1066ASU-REEL Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-REEL7 AD-ADM1066ASU-REEL7 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-U3 AD-ADM1066ASU-U3 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
More results

Similar Description - ADM1066ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com