Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK60N512VMD100 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PK60N512VMD100
Description  Hardware CRC module to support fast cyclic redundancy checks
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PK60N512VMD100 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PK60N512VMD100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 20Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Table 5. Power mode transition operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
tPOR
After a POR event, amount of time from the point VDD
reaches 1.71 V to execution of the first instruction
across the operating temperature range of the chip.
• VDD slew rate ≥ 5.7 kV/s
• VDD slew rate < 5.7 kV/s
300
1.7 V / (VDD
slew rate)
μs
1
• VLLS1 → RUN
130
μs
• VLLS2 → RUN
92
μs
• VLLS3 → RUN
92
μs
• LLS → RUN
5.9
μs
• VLPS → RUN
5.0
μs
• STOP → RUN
5.0
μs
1. Normal boot (FTFL_OPT[LPBOOT]=1)
5.2.5 Power consumption operating behaviors
Table 6. Power consumption operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDDA
Analog supply current
See note
mA
1
IDD_RUN
Run mode current — all peripheral clocks
disabled, code executing from flash
• @ 1.8V
• @ 3.0V
37
38
63
64
mA
mA
2
IDD_RUN
Run mode current — all peripheral clocks
enabled, code executing from flash
• @ 1.8V
• @ 3.0V
• @ 25°C
• @ 125°C
46
47
58
77
63
79
mA
mA
mA
3, 4
IDD_WAIT Wait mode high frequency current at 3.0 V — all
peripheral clocks disabled
20
mA
2
IDD_WAIT Wait mode reduced frequency current at 3.0 V —
all peripheral clocks disabled
9
mA
5
IDD_VLPR Very-low-power run mode current at 3.0 V — all
peripheral clocks disabled
1.12
mA
6
Table continues on the next page...
General
K60 Sub-Family Data Sheet, Rev. 3, 6/2013.
Freescale Semiconductor, Inc.
17


Similar Part No. - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK60 EDI-PK60 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
NIKO SEMICONDUCTOR CO.,...
PK600BA NIKOSEM-PK600BA Datasheet
334Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK600BA UNIKC-PK600BA Datasheet
780Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PK601CA NIKOSEM-PK601CA Datasheet
577Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK601CA UNIKC-PK601CA Datasheet
1Mb / 11P
   N & P-Channel Enhancement Mode MOSFET
More results

Similar Description - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Micron Technology
EDY4016AABG-DR-F MICRON-EDY4016AABG-DR-F Datasheet
10Mb / 356P
   Databus write cyclic redundancy check (CRC)
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.245 PULS-YR40.245 Datasheet
491Kb / 18P
   SINGLE REDUNDANCY MODULE
logo
Delta Electronics, Inc.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
   CliQ II Redundancy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com