Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK60N512VMD100 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PK60N512VMD100
Description  Hardware CRC module to support fast cyclic redundancy checks
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PK60N512VMD100 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PK60N512VMD100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Table 4. Voltage and current operating behaviors (continued)
Symbol
Description
Min.
Typ.1
Max.
Unit
Notes
IIND
Input leakage current, digital pins
• VDD < VIN < 5.5 V
1
50
μA
4, 5
ZIND
Input impedance examples, digital pins
• VDD = 3.6 V
• VDD = 3.0 V
• VDD = 2.5 V
• VDD = 1.7 V
48
55
57
85
4, 7
RPU
Internal pullup resistors
20
35
50
8
RPD
Internal pulldown resistors
20
35
50
9
1. Typical values characterized at 25°C and VDD = 3.6 V unless otherwise noted.
2. Open drain outputs must be pulled to VDD.
3. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
4. Digital pins have an associated GPIO port function and have 5V tolerant inputs, except EXTAL and XTAL.
5. Internal pull-up/pull-down resistors disabled.
6. Characterized, not tested in production.
7. Examples calculated using VIL relation, VDD, and max IIND: ZIND=VIL/IIND. This is the impedance needed to pull a high
signal to a level below VIL due to leakage when VIL < VIN < VDD. These examples assume signal source low = 0 V.
8. Measured at VDD supply voltage = VDD min and Vinput = VSS
9. Measured at VDD supply voltage = VDD min and Vinput = VDD
+
Digital input
Source
Z IND
I IND
5.2.4 Power mode transition operating behaviors
All specifications except tPOR, and VLLSx→RUN recovery times in the following table
assume this clock configuration:
• CPU and system clocks = 100 MHz
• Bus clock = 50 MHz
• FlexBus clock = 50 MHz
• Flash clock = 25 MHz
• MCG mode: FEI
General
K60 Sub-Family Data Sheet, Rev. 3, 6/2013.
16
Freescale Semiconductor, Inc.


Similar Part No. - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK60 EDI-PK60 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
NIKO SEMICONDUCTOR CO.,...
PK600BA NIKOSEM-PK600BA Datasheet
334Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK600BA UNIKC-PK600BA Datasheet
780Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PK601CA NIKOSEM-PK601CA Datasheet
577Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK601CA UNIKC-PK601CA Datasheet
1Mb / 11P
   N & P-Channel Enhancement Mode MOSFET
More results

Similar Description - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Micron Technology
EDY4016AABG-DR-F MICRON-EDY4016AABG-DR-F Datasheet
10Mb / 356P
   Databus write cyclic redundancy check (CRC)
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.245 PULS-YR40.245 Datasheet
491Kb / 18P
   SINGLE REDUNDANCY MODULE
logo
Delta Electronics, Inc.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
   CliQ II Redundancy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com