Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK60N512VMD100 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PK60N512VMD100
Description  Hardware CRC module to support fast cyclic redundancy checks
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PK60N512VMD100 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PK60N512VMD100 Datasheet HTML 65Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 66Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 67Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 68Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 69Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 70Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 71Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 72Page - Freescale Semiconductor, Inc PK60N512VMD100 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Table 50. I2S/SAI master mode timing in Normal Run, Wait and Stop modes (full voltage
range) (continued)
Num.
Characteristic
Min.
Max.
Unit
S7
I2S_TX_BCLK to I2S_TXD valid
15
ns
S8
I2S_TX_BCLK to I2S_TXD invalid
0
ns
S9
I2S_RXD/I2S_RX_FS input setup before
I2S_RX_BCLK
20.5
ns
S10
I2S_RXD/I2S_RX_FS input hold after I2S_RX_BCLK
0
ns
S1
S2
S2
S3
S4
S4
S5
S9
S7
S9
S10
S7
S8
S6
S10
S8
I2S_MCLK (output)
I2S_TX_BCLK/
I2S_RX_BCLK (output)
I2S_TX_FS/
I2S_RX_FS (output)
I2S_TX_FS/
I2S_RX_FS (input)
I2S_TXD
I2S_RXD
Figure 30. I2S/SAI timing — master modes
Table 51. I2S/SAI slave mode timing in Normal Run, Wait and Stop modes
(full voltage range)
Num.
Characteristic
Min.
Max.
Unit
Operating voltage
1.71
3.6
V
S11
I2S_TX_BCLK/I2S_RX_BCLK cycle time (input)
80
ns
S12
I2S_TX_BCLK/I2S_RX_BCLK pulse width high/low
(input)
45%
55%
MCLK period
S13
I2S_TX_FS/I2S_RX_FS input setup before
I2S_TX_BCLK/I2S_RX_BCLK
5.8
ns
S14
I2S_TX_FS/I2S_RX_FS input hold after
I2S_TX_BCLK/I2S_RX_BCLK
2
ns
S15
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output valid
• Multiple SAI Synchronous mode
• All other modes
24
20.6
ns
S16
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output invalid
0
ns
Table continues on the next page...
Peripheral operating requirements and behaviors
K60 Sub-Family Data Sheet, Rev. 3, 6/2013.
Freescale Semiconductor, Inc.
69


Similar Part No. - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK60 EDI-PK60 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
NIKO SEMICONDUCTOR CO.,...
PK600BA NIKOSEM-PK600BA Datasheet
334Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK600BA UNIKC-PK600BA Datasheet
780Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PK601CA NIKOSEM-PK601CA Datasheet
577Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK601CA UNIKC-PK601CA Datasheet
1Mb / 11P
   N & P-Channel Enhancement Mode MOSFET
More results

Similar Description - PK60N512VMD100

ManufacturerPart #DatasheetDescription
logo
Micron Technology
EDY4016AABG-DR-F MICRON-EDY4016AABG-DR-F Datasheet
10Mb / 356P
   Databus write cyclic redundancy check (CRC)
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.245 PULS-YR40.245 Datasheet
491Kb / 18P
   SINGLE REDUNDANCY MODULE
logo
Delta Electronics, Inc.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
   CliQ II Redundancy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com