Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX512CJM6C Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MCIMX512CJM6C
Description  Processors for Consumer and Industrial Products
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX512CJM6C Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MCIMX512CJM6C Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX512CJM6C Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 202 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
94
Freescale Semiconductor
Electrical Characteristics
Table 80 shows timing characteristics of signals presented in Figure 54 and Figure 55.
Table 80. Synchronous Display Interface Timing Characteristics (Pixel Level)
ID
Parameter
Symbol
Value
Description
Unit
IP5
Display interface clock period
Tdicp
(1)
Display interface clock. IPP_DISP_CLK
ns
IP6
Display pixel clock period
Tdpcp
DISP_CLK_PER_PIXEL
× Tdicp
Time of translation of one pixel to display,
DISP_CLK_PER_PIXEL—number of pixel
components in one pixel (1.n). The
DISP_CLK_PER_PIXEL is virtual
parameter to define Display pixel clock
period.
The DISP_CLK_PER_PIXEL is received by
DC/DI one access division to n
components.
ns
IP7
Screen width time
Tsw
(SCREEN_WIDTH)
× Tdicp
SCREEN_WIDTH—screen width in,
interface clocks. horizontal blanking
included.
The SCREEN_WIDTH should be built by
suitable DI’s counter2.
ns
IP8
HSYNC width time
Thsw
(HSYNC_WIDTH)
HSYNC_WIDTH—Hsync width in DI_CLK
with 0.5 DI_CLK resolution. Defined by DI’s
counter.
ns
IP9
Horizontal blank interval 1
Thbi1
BGXP
× Tdicp
BGXP—Width of a horizontal blanking
before a first active data in a line. (in
interface clocks). The BGXP should be built
by suitable DI’s counter.
ns
IP10
Horizontal blank interval 2
Thbi2
(SCREEN_WIDTH -
BGXP - FW)
× Tdicp
Width a horizontal blanking after a last
active data in a line. (in interface clocks)
FW—with of active line in interface clocks.
The FW should be built by suitable DI’s
counter.
ns
IP12
Screen height
Tsh
(SCREEN_HEIGHT)
× Tsw
SCREEN_HEIGHT— screen height in lines
with blanking
The SCREEN_HEIGHT is a distance
between 2 VSYNCs.
The SCREEN_HEIGHT should be built by
suitable DI’s counter.
ns
IP13
VSYNC width
Tvsw
VSYNC_WIDTH
VSYNC_WIDTH—Vsync width in DI_CLK
with 0.5 DI_CLK resolution. Defined by DI’s
counter
ns
IP14
Vertical blank interval 1
Tvbi1
BGYP
× Tsw
BGYP—width of first Vertical
blanking interval in line.The BGYP should
be built by suitable DI’s counter.
ns
IP15
Vertical blank interval 2
Tvbi2
(SCREEN_HEIGHT -
BGYP - FH)
× Tsw
width of second Vertical
blanking interval in line.The FH should be
built by suitable DI’s counter.
ns


Similar Part No. - MCIMX512CJM6C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX512CJM6C NXP-MCIMX512CJM6C Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results

Similar Description - MCIMX512CJM6C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com