Electronic Components Datasheet Search |
|
MCIMX512CJM6C Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc |
|
MCIMX512CJM6C Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc |
91 / 202 page Electrical Characteristics i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6 Freescale Semiconductor 91 4.7.8.4 IPU Display Interface Timing The IPU Display Interface supports two kinds of display’s accesses: synchronous and asynchronous. There are two groups of external interface pins to provide synchronous and asynchronous controls accordantly. 4.7.8.4.1 Synchronous Controls The synchronous control is a signal that changes its value as a function either of a system or of an external clock. This control has a permanent period and a permanent wave form. There are special physical outputs to provide synchronous controls: • The ipp_disp_clk is a dedicated base synchronous signal that is used to generate a base display (component, pixel) clock for a display. • The ipp_pin_1– ipp_pin_7 are general purpose synchronous pins, that can be used to provide HSYNC, VSYNC, DRDY or any else independent signal to a display. The IPU has a system of internal binding counters for internal events (like HSYNC/VSYCN and so on) calculation. The internal event (local start point) is synchronized with internal DI_CLK. A suitable control starts from the local start point with predefined UP and DOWN values to calculate control’s changing points with half DI_CLK resolution. A full description of the counters system is in the IPU chapter of the i.MX51 Multimedia Applications Processor Reference Manual (MCIMX51RM). 4.7.8.4.2 Asynchronous Controls The asynchronous control is a data oriented signal that changes its a value with an output data according to an additional internal flags coming with the data. There are special physical outputs to provide asynchronous controls, as follows: • The ipp_d0_cs and ipp_d1_cspins are dedicated to provide chip select signals to two displays • The ipp_pin_11– ipp_pin_17 are general purpose asynchronous pins, that can be used to provide WR. RD, RS or any else data oriented signal to display. NOTE The IPU has independent signal generators for asynchronous signals toggling. When a DI decides to put a new asynchronous data in the bus, a new internal start (local start point) is generated. The signals generators calculate predefined UP and DOWN values to change pins states with half DI_CLK resolution. 4.7.8.5 Synchronous Interfaces to Standard Active Matrix TFT LCD Panels 4.7.8.5.1 IPU Display Operating Signals The IPU uses four control signals and data to operate a standard synchronous interface: • IPP_DISP_CLK—Clock to display • HSYNC—Horizontal synchronization |
Similar Part No. - MCIMX512CJM6C |
|
Similar Description - MCIMX512CJM6C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |