Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD73360AR
Description  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360AR Datasheet(HTML) 2 Page - Analog Devices

  AD73360AR Datasheet HTML 1Page - Analog Devices AD73360AR Datasheet HTML 2Page - Analog Devices AD73360AR Datasheet HTML 3Page - Analog Devices AD73360AR Datasheet HTML 4Page - Analog Devices AD73360AR Datasheet HTML 5Page - Analog Devices AD73360AR Datasheet HTML 6Page - Analog Devices AD73360AR Datasheet HTML 7Page - Analog Devices AD73360AR Datasheet HTML 8Page - Analog Devices AD73360AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
REV. A
–2–
AD73360–SPECIFICATIONS1
(AVDD = 3 V
10%; DVDD = 3 V
10%; DGND = AGND = 0 V, fMCLK = 16.384 MHz,
fSCLK = 8.192 MHz, fS = 8 kHz; TA = TMIN to TMAX, unless otherwise noted.)
AD73360A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE
REFCAP
Absolute Voltage, VREFCAP
1.125
1.25
1.375
V
5VEN = 0
REFCAP TC
50
ppm/
°C
0.1
µF Capacitor Required from REFCAP
to AGND2
REFOUT
Typical Output Impedance
130
Absolute Voltage, VREFOUT
1.125
1.25
1.375
V
Unloaded
Minimum Load Resistance
1
k
Maximum Load Capacitance
100
pF
ADC SPECIFICATIONS
Maximum Input Range at VIN
2, 3
1.644
V p-p
5VEN = 0, Measured Differentially
–2.85
dBm
Nominal Reference Level at VIN
1.1413
V p-p
5VEN = 0, Measured Differentially
(0 dBm0)
–6.02
dBm
Absolute Gain
PGA = 0 dB
–0.8
+0.8
dB
1.0 kHz
PGA = 38 dB
–0.8
+0.8
dB
1.0 kHz
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion)
PGA = 0 dB
73
77
dB
0 Hz to 4 kHz; fS = 8 kHz
PGA = 38 dB
62
dB
0 Hz to 4 kHz; fS = 64 kHz
Total Harmonic Distortion
PGA = 0 dB
–83
–76
dB
PGA = 38 dB
–70
dB
Intermodulation Distortion
–76
dB
PGA = 0 dB
Idle Channel Noise
–70
dB
PGA = 0 dB
Crosstalk ADC-to-ADC
–83
dB
ADC1 Input Signal Level: 1.0 kHz
ADC2 Input at Idle
DC Offset
–30
+10
+45
mV
PGA = 0 dB
Power Supply Rejection
–55
dB
Input Signal Level at AVDD and DVDD
Pins 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
64 kHz Output Sample Rate
50
µs
32 kHz Output Sample Rate
95
µs
16 kHz Output Sample Rate
190
µs
8 kHz Output Sample Rate
Input Resistance at VIN
2, 4
25
k
6
DMCLK = 16.384 MHz
FREQUENCY RESPONSE
(ADC)
7 Typical Output
Frequency (Normalized to fS)
00
dB
0.03125
–0.1
dB
0.0625
–0.25
dB
0.125
–0.6
dB
0.1875
–1.4
dB
0.25
–2.8
dB
0.3125
–4.5
dB
0.375
–7.0
dB
0.4375
–9.5
dB
> 0.5
< –12.5
dB


Similar Part No. - AD73360AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ARZ-REEL AD-AD73360ARZ-REEL Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ARZ-REEL7 AD-AD73360ARZ-REEL7 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

Similar Description - AD73360AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com