Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73311ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD73311ARSZ
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD73311ARSZ Datasheet HTML 15Page - Analog Devices AD73311ARSZ Datasheet HTML 16Page - Analog Devices AD73311ARSZ Datasheet HTML 17Page - Analog Devices AD73311ARSZ Datasheet HTML 18Page - Analog Devices AD73311ARSZ Datasheet HTML 19Page - Analog Devices AD73311ARSZ Datasheet HTML 20Page - Analog Devices AD73311ARSZ Datasheet HTML 21Page - Analog Devices AD73311ARSZ Datasheet HTML 22Page - Analog Devices AD73311ARSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD73311
–19–
REV. B
Program (Control) Mode
In Program Mode, CRA:0 = 0, the user writes to the control
registers to set up the device for desired operation—SPORT
operation, cascade length, power management, input/output
gain, etc. In this mode, the 16-bit information packet sent to the
device by the DSP engine is interpreted as a control word whose
format is shown in Table X. In this mode, the user must address
the device to be programmed using the address field of the
control word. This field is read by the device and if it is zero
(000 bin) then the device recognizes the word as being addressed
to it. If the address field is not zero, it is then decremented and
the control word is passed out of the device—either to the next
device in a cascade or back to the DSP engine. This 3-bit
address format allows the user to uniquely address any one of
up to eight devices in a cascade; please note that this addressing
scheme is valid only in sending control information to the device
—a different format is used to send DAC data to the device(s).
In a single codec configuration, all control word addresses must
be zero, otherwise they will not be recognized; in a multi-codec
configuration all addresses from zero to N-1 (where N = number
of devices in cascade) are valid.
Following reset, when the SE pin is enabled, the codec responds
by raising the SDOFS pin to indicate that an output sample
event has occurred. Control words can be written to the device
to coincide with the data being sent out of the SPORT, as
shown in Figure 10, or they can lag the output words by a time
interval that should not exceed the sample interval. After reset,
output frame sync pulses will occur at a slower default sample
rate, which is DMCLK/2048, until Control Register B is program-
med after which the SDOFS pulses will revert to the DMCLK/256
rate. This is to allow slow controller devices to establish com-
munication with the AD73311. During Program Mode, the
data output by the device is random and should not be inter-
preted as ADC data.
Data Mode
Once the device has been configured by programming the cor-
rect settings to the various control registers, the device may exit
Program Mode and enter Data Mode. This is done by program-
ming the DATA/
PGM (CRA:0) bit to a 1 and MM (CRA:1) to
0. Once the device is in Data Mode, the 16-bit input data frame
is now interpreted as DAC data rather than a control frame.
This data is therefore loaded directly to the DAC register. In
Data Mode, as the entire input data frame contains DAC data,
the device relies on counting the number of input frame syncs
received at the SDIFS pin. When that number equals the device
count stored in the device count field of CRA, the device knows
that the present data frame being received is its own DAC up-
date data. When the device is in normal Data Mode (i.e., mixed
mode disabled), it must receive a hardware reset to reprogram
any of the control register settings. In a single codec configura-
tion, each 16-bit data frame sent from the DSP to the device is
interpreted as DAC data. The default device count is 1, therefore
each input frame sync will cause the 16-bit data frame to be
loaded to the DAC register.
Appendix A details the initialization and operation of a single
codec in normal Data Mode, while Appendix C details the
initialization and operation of a dual codec cascade in normal
Data Mode.
Mixed Program/Data Mode
This mode allows the user to send control words to the device
along with the DAC data. This permits adaptive control of the
device whereby control of the input/output gains can be effected
by interleaving control words along with the normal flow of
DAC data. The standard data frame remains 16 bits, but now
the MSB is used as a flag bit to indicate whether the remaining
15 bits of the frame represent DAC data or control information.
In the case of DAC data, the 15 bits are loaded with MSB justi-
fication and LSB set to 0 to the DAC register. Mixed mode is
enabled by setting the MM bit (CRA:1) to 1 and the DATA/
PGM bit (CRA:0) to 1. In the case where control setting
changes will be required during normal operation, this mode
allows the ability to load both control and data information with
the slight inconvenience of formatting the data. Note that the
output samples from the ADC will also have the MSB set to
zero to indicate it is a data word.
A description of a single device operating in mixed mode is
detailed in Appendix B, while Appendix D details the initializa-
tion and operation of a dual codec cascade operating in mixed
mode. Note that it is not essential to load the control registers in
Program Mode before setting mixed mode active. It is also
possible to initiate mixed mode by programming CRA with the
first control word and then interleaving control words with
DAC data.
Analog Loop-Back
This mode can be used for diagnostic purposes and allows the
user to feed the ADC samples from the ADC register directly to
the DAC register. This forms a loop-back of the analog input to
the analog output by reconstructing the encoded signal using
the decoder channel. The serial interface will continue to work,
which allows the user to control gain settings, etc. Only when
ALB is enabled with mixed mode operation can the user disable
the ALB, otherwise the device must be reset.
Digital Loop-Back
This mode allows the user to verify the DSP interfacing and
connection by writing words to the SPORT of the devices and
have them returned back unchanged after a delay of 16 SCLK
cycles. The frame sync and data word that are sent to the device
are returned via the output port. Again, DLB mode can only be
disabled when used in conjunction with mixed mode, otherwise
the device must be reset.


Similar Part No. - AD73311ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311ARS AD-AD73311ARS Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Similar Description - AD73311ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com