Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD13280BF Datasheet(PDF) 11 Page - Analog Devices

Part # AD13280BF
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280BF Datasheet(HTML) 11 Page - Analog Devices

Back Button AD13280BF Datasheet HTML 7Page - Analog Devices AD13280BF Datasheet HTML 8Page - Analog Devices AD13280BF Datasheet HTML 9Page - Analog Devices AD13280BF Datasheet HTML 10Page - Analog Devices AD13280BF Datasheet HTML 11Page - Analog Devices AD13280BF Datasheet HTML 12Page - Analog Devices AD13280BF Datasheet HTML 13Page - Analog Devices AD13280BF Datasheet HTML 14Page - Analog Devices AD13280BF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD13280
Rev. C | Page 11 of 28
–1.0
0
512
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
1024
1536
2048
2560
3072
3584
4096
ENCODE = 80MSPS
DNL MAX = 0.688 CODES
DNL MIN = 0.385 CODES
Figure 10. Differential Nonlinearity
FREQUENCY (MHz)
1.0
3.5
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
6.0
8.5
11.0 13.5 16.0 18.5 21.0 23.5 26.0
ENCODE = 80MSPS
ROLL-OFF = 0.0459dB
Figure 11. Pass-Band Ripple to 25 MHz
–3
ENCODE = 80MSPS
INL MAX = 0.562 CODES
INL MIN = 0.703 CODES
–2
0
2
3
1
–1
0
512
1024
1536
2048
2560
3072
3584
4096
Figure 12. Integral Nonlinearity


Similar Part No. - AD13280BF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280BZ AD-AD13280BZ Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

Similar Description - AD13280BF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
[Old version datasheet]   12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com