Electronic Components Datasheet Search |
|
TLP118 Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
TLP118 Datasheet(HTML) 8 Page - Toshiba Semiconductor |
8 / 13 page TLP118 2010-03-02 8 PRECAUTIONS OF SURFACE MOUNTING TYPE PHOTOCOUPLER SOLDERING & GENERAL STORAGE (1) Precautions for Soldering 1) When Using Soldering Reflow An example of a temperature profile when Sn-Pb eutectic solder is used: An example of a temperature profile when lead(Pb)-free solder is used: Reflow soldering must be performed once or twice. The mounting should be completed with the interval from the first to the last mountings being 2 weeks. 2) When using soldering Flow (Applicable to both eutectic solder and Lead(Pb)-Free solder) Apply preheating of 150 deg.C for 60 to 120 seconds. Mounting condition of 260 deg.C or less within 10 seconds is recommended. Flow soldering must be performed once 3) When using soldering Iron (Applicable to both eutectic solder and Lead(Pb)-Free solder) Complete soldering within 10 seconds for lead temperature not exceeding 260 deg.C or within 3 seconds not exceeding 350 deg.C. Heating by soldering iron must be only once per 1 lead This profile is based on the device’s maximum heat resistance guaranteed value. Set the preheat temperature/heating temperature to the optimum temperature corresponding to the solder paste type used by the customer within the described profile. This profile is based on the device’s maximum heat resistance guaranteed value. Set the preheat temperature/heating temperature to the optimum temperature corresponding to the solder paste type used by the customer within the described profile. |
Similar Part No. - TLP118 |
|
Similar Description - TLP118 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |