Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP118 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP118
Description  TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP118 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP118 Datasheet HTML 1Page - Toshiba Semiconductor TLP118 Datasheet HTML 2Page - Toshiba Semiconductor TLP118 Datasheet HTML 3Page - Toshiba Semiconductor TLP118 Datasheet HTML 4Page - Toshiba Semiconductor TLP118 Datasheet HTML 5Page - Toshiba Semiconductor TLP118 Datasheet HTML 6Page - Toshiba Semiconductor TLP118 Datasheet HTML 7Page - Toshiba Semiconductor TLP118 Datasheet HTML 8Page - Toshiba Semiconductor TLP118 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLP118
2010-03-02
4
Switching Characteristics
(Unless otherwise specified, Ta=-40 to 125 °C、VCC=4.5 to 5.5V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP.
MAX
UNIT
Propagation delay time (H→L)
tpHL
IF=0→7.5 mA
-
30
60
ns
Propagation delay time (L→H)
tpLH
IF=7.5→0 mA
RL=350Ω
CL=15pF
(Note 4)
-
30
60
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
-
-
30
ns
Propagation Delay Skew (Note 5)
tpsk
IF=07.5 mA
RL=350Ω,
CL=15pF
(Note 4)
-40
-
40
ns
Fall Time (90 – 10 %)
tf
IF=0→7.5 mA
-
30
-
ns
Rise Time (10 – 90 %)
tr
5
IF=7.5→0 mA
RL=350Ω
CL=15pF
(Note 4)
-
30
-
ns
Common Mode transient
Immunity at High Level Output
CMH
VCM=1000 Vp-p , IF=0 mA,
VCC=5 V , Ta=25°C
15
-
-
kV/μs
Common Mode transient
Immunity at Low Level Output
CML
6
VCM=1000 Vp-p , IF=10 mA,
VCC=5 V , Ta=25
°C
-15
-
-
kV/μs
*All typical values are at Ta=25
°C
Note 3: A ceramic capacitor (0.1
μF) should be connected from pin 6 (VCC) to pin 4 (GND) to stabilize the operation
of the high gain linear amplifier. Failure to provide the bypass may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.
Note 4: f=5MHz, duty=50%, input current tr=tf=5ns,
CL is approximately 15pF which includes probe and Jig/stray wiring capacitance.
Note 5: Propagation delay skew is defined as the difference between the largest and smallest propagation delay
times (i.e. tpHL or tpLH) of multiple samples. Evaluations of these samples are conducted under identical
test conditions (supply voltage, input current, temperature, etc).
TEST CIRCUIT 1: IOH Test Circuit
TEST CIRCUIT 2: VOL Test Circuit
TEST CIRCUIT 3: ICCL Test Circuit
TEST CIRCUIT 4: ICCH Test Circuit
IF
A
VCC
0.1 μF
ICCL
0.1μF
VOL
VCC
V
IO
SHIELD
IF
SHIELD
A
VCC
0.1 μF
ICCH
SHIELD
0.1μF
SHIELD
VF
VCC
IOH
A
VO


Similar Part No. - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112 TOSHIBA-TLP112 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results

Similar Description - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com