Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV17 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SV17
Description  TinyLogic. ULP-A Single Buffer with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV17 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SV17 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV17 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500669
www.fairchildsemi.com
July 2002
Revised January 2003
NC7SV17
TinyLogic
 ULP-A Single Buffer
with Schmitt Trigger Input
General Description
The NC7SV17 is a single buffer with Schmitt trigger
input from Fairchild’s Ultra Low Power-A (ULP-A) Series of
TinyLogic
. ULP-A is ideal for applications that require
extreme high speed, high drive and low power. This prod-
uct is designed for a wide low voltage operating range
(0.9V to 3.6V VCC) and applications that require more drive
and speed than the TinyLogic ULP series, but still offer
best in class low power operation.
The NC7SV17 is uniquely designed for optimized power
and speed, and is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s Extremely High Speed tPD
1.5 ns typ for 2.7V to 3.6V VCC
1.8 ns typ for 2.3V to 2.7V VCC
2.0 ns typ for 1.65V to 1.95V VCC
3.2 ns typ for 1.4V to 1.6V VCC
5.9 ns typ for 1.1V to 1.3V VCC
12.0 ns typ for 0.9V VCC
s Power-Off high impedance inputs and outputs
s High Static Drive (IOH/IOL)
±24 mA @ 3.00V V
CC
±18 mA @ 2.30V V
CC
±6 mA
@ 1.65V VCC
±4 mA
@ 1.4V VCC
±2 mA
@ 1.1V VCC
±0.1 mA @ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
, MicroPak, and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SV17P5X
MAA05A
V17
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SV17L6X
MAC06A
G5
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7SV17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV17 FAIRCHILD-NC7SV17 Datasheet
325Kb / 10P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17 Datasheet
963Kb / 13P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
March 2018 Rev. 2
NC7SV17 ONSEMI-NC7SV17 Datasheet
388Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 3
NC7SV17FHX ONSEMI-NC7SV17FHX Datasheet
963Kb / 13P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
March 2018 Rev. 2
NC7SV17FHX ONSEMI-NC7SV17FHX Datasheet
388Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 3
More results

Similar Description - NC7SV17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17 Datasheet
963Kb / 13P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
March 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SV17 FAIRCHILD-NC7SV17_04 Datasheet
325Kb / 10P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17_V01 Datasheet
388Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 3
NC7SP17 ONSEMI-NC7SP17_V01 Datasheet
400Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SP17 FAIRCHILD-NC7SP17_05 Datasheet
303Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7WV17 FAIRCHILD-NC7WV17 Datasheet
181Kb / 9P
   TinyLogic ULP-A Dual Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7WV17 ONSEMI-NC7WV17_V01 Datasheet
263Kb / 10P
   TinyLogic ULP-A Dual Buffer with Schmitt-Trigger Input
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com