Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2220K20G Datasheet(PDF) 11 Page - EPCOS

Part # CT2220K20G
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT2220K20G Datasheet(HTML) 11 Page - EPCOS

Back Button CT2220K20G Datasheet HTML 6Page - EPCOS CT2220K20G Datasheet HTML 7Page - EPCOS CT2220K20G Datasheet HTML 8Page - EPCOS CT2220K20G Datasheet HTML 9Page - EPCOS CT2220K20G Datasheet HTML 10Page - EPCOS CT2220K20G Datasheet HTML 11Page - EPCOS CT2220K20G Datasheet HTML 12Page - EPCOS CT2220K20G Datasheet HTML 13Page - EPCOS CT2220K20G Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ceramic transient voltage suppressors
B72540E0200K062
SMD multilayer varistor, E series
CT2220K20G
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 11 of 14
Important notes at the end of this document.
 Specified values only apply to CTVS components that have not been subject to prior electrical,
mechanical or thermal damage. The use of CTVS devices in line-to-ground applications is
therefore not advisable, and it is only allowed together with safety countermeasures like
thermal fuses.
Storage
Only store CTVS in their original packaging. Do not open the package before storage.
Storage conditions in original packaging: temperature −25 to +45°C, relative humidity ≤75%
annual average, maximum 95%, dew precipitation is inadmissible.
Do not store CTVS devices where they are exposed to heat or direct sunlight. Otherwise the
packaging material may be deformed or CTVS may stick together, causing problems during
mounting.
Avoid contamination of the CTVS surface during storage, handling and processing.
Avoid storing CTVS devices in harmful environments where they are exposed to corrosive
gases for example (SOx, Cl).
Use CTVS as soon as possible after opening factory seals such as polyvinyl-sealed packages.
Solder CTVS components after shipment from EPCOS within the time specified:
o
CTVS with Ni barrier termination, 12 months
o
CTVS with AgPd termination, 6 months
o
SHCV and CU series, 24 months
Handling
Do not drop CTVS components and allow them to be chipped.
Do not touch CTVS with your bare hands - gloves are recommended.
Avoid contamination of the CTVS surface during handling.
Mounting
When CTVS devices are encapsulated with sealing material or overmolded with plastic
material, be sure to observe the precautions in “Mounting instructions”, “Sealing, potting and
overmolding”.
Make sure an electrode is not scratched before, during or after the mounting process.
Make sure contacts and housings used for assembly with CTVS components are clean before
mounting.


Similar Part No. - CT2220K20G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT2220K20G EPCOS-CT2220K20G Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CT2220K20G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com