Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2220K17G Datasheet(PDF) 6 Page - EPCOS

Part # CT2220K17G
Description  Ceramic transient voltage suppressors Ceramic transient voltage suppressors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT2220K17G Datasheet(HTML) 6 Page - EPCOS

Back Button CT2220K17G Datasheet HTML 2Page - EPCOS CT2220K17G Datasheet HTML 3Page - EPCOS CT2220K17G Datasheet HTML 4Page - EPCOS CT2220K17G Datasheet HTML 5Page - EPCOS CT2220K17G Datasheet HTML 6Page - EPCOS CT2220K17G Datasheet HTML 7Page - EPCOS CT2220K17G Datasheet HTML 8Page - EPCOS CT2220K17G Datasheet HTML 9Page - EPCOS CT2220K17G Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ceramic transient voltage suppressors
B72540E0170K062
SMD multilayer varistor, E series
CT2220K17G
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 6 of 14
Important notes at the end of this document.
Recommended soldering profiles
Reflow soldering
Recommended temperature characteristic for reflow soldering following JEDEC J-STD-020D
Profile feature
Sn-Pb eutectic assembly
Pb-free assembly
Preheat and soak
- Temperature min
- Temperature max
- Time
Tsmin
Tsmax
tsmin to tsmax
100 °C
150 °C
60 … 120 s
150 °C
200 °C
60 … 180 s
Average ramp-up rate
Tsmax to Tp
3 °C/s max.
3 °C/s max.
Liquidous temperature
Time at liquidous
TL
tL
183 °C
60 … 150 s
217 °C
60 … 150 s
Peak package body temperature
Tp
1)
220 °C … 235 °C
2)
245 °C … 260 °C
2)
Time (tp)
3) within 5 °C of specified
classification temperature (Tc)
20 s
3)
30 s
3)
Average ramp-down rate
Tp to Tsmax
6 °C/s max.
6 °C/s max.
Time 25 °C to peak temperature
maximum 6 min
maximum 8 min
1)
Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
2)
Depending on package thickness. For details please refer to JEDEC J-STD-020D.
3)
Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Note:
All temperatures refer to topside of the package, measured on the package body surface.
Number of reflow cycles: 3


Similar Part No. - CT2220K17G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT2220K17G EPCOS-CT2220K17G Datasheet
129Kb / 15P
   Multilayer technology
CT2220K17GK2 EPCOS-CT2220K17GK2 Datasheet
1Mb / 81P
   Ceramic transient voltage suppressors
More results

Similar Description - CT2220K17G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com