Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV14 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SV14
Description  TinyLogic ULP-A Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV14 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SV14 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SV14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14 Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
NC7SV14 ONSEMI-NC7SV14 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
logo
Fairchild Semiconductor
NC7SV14L6X FAIRCHILD-NC7SV14L6X Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14L6X ONSEMI-NC7SV14L6X Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
More results

Similar Description - NC7SV14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14_V01 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
NC7SP14 ONSEMI-NC7SP14_V01 Datasheet
347Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14 Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
logo
Fairchild Semiconductor
NC7SP14 FAIRCHILD-NC7SP14 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14 Datasheet
390Kb / 11P
   TinyLogic ULP Inverter with Schmitt Trigger Input
Revised March 2004
NC7WV14 ONSEMI-NC7WV14_V01 Datasheet
176Kb / 10P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 -Rev. 2
NC7WP14 ONSEMI-NC7WP14_V01 Datasheet
173Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
NC7WV14 FAIRCHILD-NC7WV14 Datasheet
182Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com