Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5260QA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS5260QA
Description  60 V, 1.7 A PNP low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5260QA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS5260QA Datasheet HTML 6Page - NXP Semiconductors PBSS5260QA Datasheet HTML 7Page - NXP Semiconductors PBSS5260QA Datasheet HTML 8Page - NXP Semiconductors PBSS5260QA Datasheet HTML 9Page - NXP Semiconductors PBSS5260QA Datasheet HTML 10Page - NXP Semiconductors PBSS5260QA Datasheet HTML 11Page - NXP Semiconductors PBSS5260QA Datasheet HTML 12Page - NXP Semiconductors PBSS5260QA Datasheet HTML 13Page - NXP Semiconductors PBSS5260QA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NXP Semiconductors
PBSS5260QA
60 V, 1.7 A PNP low VCEsat (BISS) transistor
PBSS5260QA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
28 August 2013
10 / 17
aaa-008115
IC (mA)
-10-1
-104
-103
-1
-102
-10
-10-1
-1
VCEsat
(V)
-10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 12. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-008116
IC (mA)
-10-1
-104
-103
-1
-102
-10
-10-1
-1
VCEsat
(V)
-10-2
(1)
(2)
(3)
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Fig. 13. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-008117
IC (mA)
-10-1
-104
-103
-1
-102
-10
1
10
102
103
RCEsat
(Ω)
10-1
(1)
(2)
(3)
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB= 10
Fig. 14. Collector-emitter saturation resistance as a
function of collector current; typical values
aaa-008118
IC (mA)
-10-1
-104
-103
-1
-102
-10
1
10
102
103
RCEsat
(Ω)
10-1
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 15. Collector-emitter saturation resistance as a
function of collector current; typical values


Similar Part No. - PBSS5260QA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5260QA NEXPERIA-PBSS5260QA Datasheet
732Kb / 17P
   60 V, 1.7 A PNP low VCEsat (BISS) transistor
28 August 2013
More results

Similar Description - PBSS5260QA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5260QA NEXPERIA-PBSS5260QA Datasheet
732Kb / 17P
   60 V, 1.7 A PNP low VCEsat (BISS) transistor
28 August 2013
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS_15 Datasheet
148Kb / 14P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
logo
Nexperia B.V. All right...
PBSS5260PAP NEXPERIA-PBSS5260PAP Datasheet
751Kb / 17P
   60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS304PX NXP-PBSS304PX Datasheet
218Kb / 15P
   60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS304PZ NXP-PBSS304PZ Datasheet
193Kb / 14P
   60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS4041PT PHILIPS-PBSS4041PT_15 Datasheet
191Kb / 15P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010
PBSS5560PA PHILIPS-PBSS5560PA_15 Datasheet
175Kb / 15P
   60 V, 5 A PNP low VCEsat (BISS) transistor
Rev. 01-21 April 2010
logo
Nexperia B.V. All right...
PBSS5560PA NEXPERIA-PBSS5560PA Datasheet
289Kb / 16P
   60 V, 5 A PNP low VCEsat (BISS) transistor
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com