Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-244AD3D-A1 Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # LL-244AD3D-A1
Description  2횞4mm Rectangular Without Flange Type Amber LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-244AD3D-A1 Datasheet(HTML) 5 Page - Lucky Light Electronic

  LL-244AD3D-A1 Datasheet HTML 1Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 2Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 3Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 4Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 5Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 6Page - Lucky Light Electronic LL-244AD3D-A1 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Luckylight
Spec No: CS059X440
Rev No:V.2
Date: Sep/26/2005
Page: 5 OF 7
Approved: JoJo
Checked: wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Spectrum Distribution
Ta=25
0
400
100
300
500
600
700
800
Wavelength λp (nm)
75
50
25
Luminous Intensity &
Ambient Temperature
1
1000
-60
Ambient Temperature Ta ()
100
10
-40 -20 0 20 406080 100
Luminous Intensity & Forward Current
1
1000
10
Forward Current IF (mA)
100
10
0
10
1
10
2
10
3
f=1KHz
Duty=1/10
Ta=25
Forward Current & Forward Voltage
Ta=25
0
10
20
30
40
50
1.4
1.6
1.8
2.0
2.2
2.4
Forward Voltage VF (V)
2.6
Forward Current Derating Curve
0
0
10
20
30
40
50
Ambient Temperature Ta ()
25
20
40
60
80
100
Ta=25℃
Radiation Diagram
0.3
0
0.7
0.8
1.0
0.9
0.1 0 0.2 0.4 0.6
0.5
o
10
o
20
o
30
o
40
o
50
o
60
o
70
o
80
o
90
o


Similar Part No. - LL-244AD3D-A1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-244AD3D-A1 LUCKY-LIGHT-LL-244AD3D-A1 Datasheet
139Kb / 7P
   2횞4mm Rectangular Without Flange Amber LED
LL-244AD3D-A1 LUCKY-LIGHT-LL-244AD3D-A1_15 Datasheet
139Kb / 7P
   Amber LED
More results

Similar Description - LL-244AD3D-A1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-244YD3D-2Y LUCKY-LIGHT-LL-244YD3D-2Y Datasheet
134Kb / 7P
   2횞4mm Rectangular Without Flange Type Yellow LED Technical Data Sheet
LL-244AD3D-A1 LUCKY-LIGHT-LL-244AD3D-A1 Datasheet
139Kb / 7P
   2횞4mm Rectangular Without Flange Amber LED
LL-244GD3D-1A LUCKY-LIGHT-LL-244GD3D-1A Datasheet
134Kb / 7P
   2횞4mm Rectangular Without Flange Type Yellow Green LED Technical Data Sheet
LL-253AD1F-A1 LUCKY-LIGHT-LL-253AD1F-A1 Datasheet
137Kb / 7P
   2횞5mm Rectangular Without Flange Type Amber LED Technical Data Sheet
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1 Datasheet
134Kb / 7P
   2횞4mm Rectangular Without Flange Type Hi-Eff Red LED Technical Data Sheet
LL-304AD2J-A1 LUCKY-LIGHT-LL-304AD2J-A1 Datasheet
137Kb / 7P
   3mm Round Without Flange Type Amber LED Technical Data Sheet
LL-463ADS LUCKY-LIGHT-LL-463ADS Datasheet
136Kb / 7P
   6.22mm횞3.68mm Rectangular Type Amber LED Technical Data Sheet
LL-253YD1F-2Y LUCKY-LIGHT-LL-253YD1F-2Y Datasheet
138Kb / 7P
   2횞5mm Rectangular Without Flange Type Yellow LED Technical Data Sheet
LL-253GD1F-1A LUCKY-LIGHT-LL-253GD1F-1A Datasheet
138Kb / 7P
   2횞5mm Rectangular Without Flange Type Yellow Green LED Technical Data Sheet
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   2횞5mm Rectangular Without Flange Type Hi-Eff Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com