Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8032ARZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8032ARZ-REEL7
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8032ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8032ARZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD8031/AD8032
Data Sheet
Rev. F | Page 8 of 20
0
–0.5
–2.5
–1.0
–1.5
–2.0
VCC =2.7V
VCC =5V
VCC = 10V
100
1k
10k
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 14. +Output Saturation Voltage vs. RLOAD @ +85°C
0
–0.5
–2.5
–1.0
–1.5
–2.0
100
1k
10k
RLOAD (Ω)
VCC =2.7V
VCC =5V
VCC =10V
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 15. +Output Saturation Voltage vs. RLOAD @ +25°C
0
–0.5
–2.5
–1.0
–1.5
–2.0
100
1k
10k
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC =2.7V
VCC =5V
VCC = 10V
Figure 16. +Output Saturation Voltage vs. RLOAD @ −40°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC =10V
VCC =5V
VCC =2.7V
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 17. −Output Saturation Voltage vs. RLOAD @ +85°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC = 10V
VCC =5V
VCC =2.7V
Figure 18. −Output Saturation Voltage vs. RLOAD @ +25°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC =2.7V
VCC =5V
VCC = 10V
Figure 19. −Output Saturation Voltage vs. RLOAD @ −40°C


Similar Part No. - AD8032ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8032ARZ-REEL7 AD-AD8032ARZ-REEL7 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
More results

Similar Description - AD8032ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
247Kb / 16P
   2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV. B
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
logo
Texas Instruments
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
[Old version datasheet]   Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com