Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9222ABCPZ-65 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9222ABCPZ-65
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222ABCPZ-65 Datasheet(HTML) 5 Page - Analog Devices

  AD9222ABCPZ-65 Datasheet HTML 1Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 2Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Data Sheet
AD9222
Rev. F | Page 5 of 60
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 3.
AD9222-40
AD9222-50
AD9222-65
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
250
250
mV p-p
Input Common-Mode Voltage
Full
1.2
1.2
1.2
V
Input Resistance (Differential)
25°C
20
20
20
kΩ
Input Capacitance
25°C
1.5
1.5
1.5
pF
LOGIC INPUTS (PDWN, SCLK/DTP)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0
0.3
0.3
0.3
V
Input Resistance
25°C
30
30
30
kΩ
Input Capacitance
25°C
0.5
0.5
0.5
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0
0.3
0.3
0.3
V
Input Resistance
25°C
70
70
70
kΩ
Input Capacitance
25°C
0.5
0.5
0.5
pF
LOGIC INPUT (SDIO/ODM)
Logic 1 Voltage
Full
1.2
DRVDD+ 0.3
1.2
DRVDD+ 0.3
1.2
DRVDD+0.3
V
Logic 0 Voltage
Full
0
0.3
0
0.3
0
0.3
V
Input Resistance
25°C
30
30
30
kΩ
Input Capacitance
25°C
2
2
2
pF
LOGIC OUTPUT (SDIO/ODM)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.79
1.79
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
0.05
0.05
V
DIGITAL OUTPUTS (D + x, D − x),
(ANSI-644)1
Logic Compliance
LVDS
LVDS
LVDS
Differential Output Voltage (VOD)
Full
247
454
247
454
247
454
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
1.125
1.375
1.125
1.375
V
Output Coding (Default)
Offset binary
Offset binary
Offset binary
DIGITAL OUTPUTS (D + x, D − x),
(Low Power, Reduced Signal
Option)1
Logic Compliance
LVDS
LVDS
LVDS
Differential Output Voltage (VOD)
Full
150
250
150
250
150
250
mV
Output Offset Voltage (VOS)
Full
1.10
1.30
1.10
1.30
1.10
1.30
V
Output Coding (Default)
Offset binary
Offset binary
Offset binary
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This is specified for LVDS and LVPECL only.
3
This is specified for 13 SDIO pins sharing the same connection.


Similar Part No. - AD9222ABCPZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222ABCPZ-65 AD-AD9222ABCPZ-65 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
More results

Similar Description - AD9222ABCPZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com