Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7817SR Datasheet(PDF) 5 Page - Analog Devices

Part # AD7817SR
Description  Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7817SR Datasheet(HTML) 5 Page - Analog Devices

  AD7817SR Datasheet HTML 1Page - Analog Devices AD7817SR Datasheet HTML 2Page - Analog Devices AD7817SR Datasheet HTML 3Page - Analog Devices AD7817SR Datasheet HTML 4Page - Analog Devices AD7817SR Datasheet HTML 5Page - Analog Devices AD7817SR Datasheet HTML 6Page - Analog Devices AD7817SR Datasheet HTML 7Page - Analog Devices AD7817SR Datasheet HTML 8Page - Analog Devices AD7817SR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD7817/AD7818
Rev. D | Page 5 of 20
Parameter
AVersion1
BVersion1
SVersion1
Unit
Test Conditions/Comments
POWER REQUIREMENTS (AD7818 ONLY)6
V
DD
5.5
V max
For specified performance
2.7
V min
I
DD
Logic inputs = 0 V or V
DD
Normal Operation
2
mA max
1.3 mA typical
Using External Reference
1.75
mA max
2.5 V external reference connected
Power-Down (V
DD = 5 V)
10.75
µA max
6 µA typ
Power-Down (V
DD = 3 V)
4.5
µA max
2 µA typ
Auto Power-Down Mode
V
DD = 3 V
10 SPS Throughput Rate
6.4
µW typ
See the Power vs Throughput section
for description of power dissipation
in auto power-down mode
1 kSPS Throughput Rate
48.8
µW typ
10 kSPS Throughput Rate
434
µW typ
Power-Down
13.5
µW max
Typically 6 µW
ANALOG INPUTS (AD7817/AD7818)7
Input Voltage Range
V
REF
V
REF
V
REF
V max
0
0
0
V min
Input Leakage
±1
±1
±1
µA min
Input Capacitance
10
10
10
pF max
LOGIC INPUTS (AD7817/AD7818)4
Input High Voltage, V
INH
2.4
2.4
2.4
V min
V
DD = 5 V ±10%
Input Low Voltage, V
INL
0.8
0.8
0.8
V max
V
DD = 5 V ±10%
Input High Voltage, V
INH
2
2
2
V min
V
DD = 3 V ±10%
Input Low Voltage, V
INL
0.4
0.4
0.4
V max
V
DD = 3 V ±10%
Input Current, I
IN
±3
±3
±3
µA max
Typically 10 nA, V
IN = 0 V to VDD
Input Capacitance, C
IN
10
10
10
pF max
LOGIC OUTPUTS (AD7817/AD7818)4
Output High Voltage, V
OH
I
SOURCE = 200 µA
4
4
4
V min
V
DD = 5 V ± 10%
2.4
2.4
2.4
V min
V
DD = 3 V ± 10%
Output Low Voltage, V
OL
I
SINK = 200 µA
0.4
0.4
0.4
V max
V
DD = 5 V ± 10%
0.2
0.2
0.2
V max
V
DD = 3 V ± 10%
High Impedance Leakage Current
±1
±1
±1
µA max
High Impedance Capacitance
15
15
15
pF max
1 The B Version and the S Version only apply to the AD7817. The A Version applies to the AD7817 or the AD7818 (as stated in specification).
2 See Terminology.
3 The accuracy of the temperature sensor is affected by reference tolerance. The relationship between the two is explained in the Temperature Measurement Error Due
to Reference Error section.
4 Sample tested during initial release and after any redesign or process change that may affect this parameter.
5 On-chip reference shuts down when external reference is applied.
6 These specifications are typical for AD7818 at temperatures above 85°C and with V
DD greater than 3.6 V.
7 This refers to the input current when the part is not converting. Primarily due to the reverse leakage current in the ESD protection diodes.


Similar Part No. - AD7817SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7817SR AD-AD7817SR Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817SR-REEL AD-AD7817SR-REEL Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817SR-REEL7 AD-AD7817SR-REEL7 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
More results

Similar Description - AD7817SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com