Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8170AN Datasheet(PDF) 10 Page - Analog Devices

Part # AD8170AN
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8170AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8170AN Datasheet HTML 6Page - Analog Devices AD8170AN Datasheet HTML 7Page - Analog Devices AD8170AN Datasheet HTML 8Page - Analog Devices AD8170AN Datasheet HTML 9Page - Analog Devices AD8170AN Datasheet HTML 10Page - Analog Devices AD8170AN Datasheet HTML 11Page - Analog Devices AD8170AN Datasheet HTML 12Page - Analog Devices AD8170AN Datasheet HTML 13Page - Analog Devices AD8170AN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8170/AD8174
–10–
REV. 0
20ns/DIV
OUTPUT
VOUT = ±1V
INPUT
VIN = ±0.5V
VOUT = 2V p-p
G = +2
RF = 499 (AD8170R)
RF = 549 (AD8174R)
CL = 300PF
RS(OUT) = 15
Figure 25. Pulse Response Driving a Large Load
Capacitor, CL = 300 pF
Overload Behavior and Recovery
There are three important overload conditions: input voltage
overdrive, output voltage overdrive and current overload at the
amplifier’s negative feedback input.
At a gain of 1, recovery from driving the input voltages beyond
the voltage range of the input switches is very quick, typically
less than 30 ns. Recovery from output overdrive is somewhat
slower and depends on how much the output is overdriven.
Recovery from 15% overdrive is under 60 ns. 50% overdrive
produces recovery times of about 85 ns.
Input overdrive in a high gain application can result in a large
current flow in the input stage. This current is internally limited
to 40 mA. The effect on total power dissipation should be taken
into account.
LAYOUT CONSIDERATIONS:
Realizing the high speed performance attainable with the
AD8170 and AD8174 requires careful attention to board layout
and component selection. Proper RF design techniques and low
parasitic component selection are mandatory.
Wire wrap boards, prototype boards, and sockets are not
recommended because of their high parasitic inductance and
capacitance. Instead, surface-mount components should be
soldered directly to a printed circuit board (PCB). The PCB
should have a ground plane covering all unused portions of the
component side of the board to provide a low impedance
ground path. The ground plane should be removed from the
area near input and output pins to reduce stray capacitance.
Chip capacitors should be used for supply bypassing. One end
of the capacitor should be connected to the ground plane and
the other within 1/4 inch of each power pin. An additional large
(4.7
µF–10 µF) tantalum capacitor should be connected in
parallel with each of the smaller capacitors for low impedance
supply bypassing over a broad range of frequencies.
Signal traces should be as short as possible. Stripline or
microstrip techniques should be used for long signal traces
(longer than about 1 inch). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly
terminated at each end using surface mount components.
Careful layout is imperative to minimize crosstalk. Guards
(ground or supply traces) must be run between all signal traces
to limit direct capacitive coupling. Input and output signal lines
should fan out away from the mux as much as possible. If
multiple signal layers are available, a buried stripline structure
having ground plane above, below, and between signal traces
will have the best crosstalk performance.
Return currents flowing through termination resistors can also
increase crosstalk if these currents flow in sections of the finite-
impedance ground circuit that is shared between more than one
input or output. Minimizing the inductance and resistance of the
ground plane can reduce this effect, but further care should be
taken in positioning the terminations. Terminating cables directly
at the connectors will minimize the return current flowing on the
board, but the signal trace between the connector and the mux will
look like an open stub and will degrade the frequency response.
Moving the termination resistors close to the input pins will
improve the frequency response, but the terminations from
neighboring inputs should not have a common ground return.
APPLICATIONS
8-to-1 Video Multiplexer
Two AD8174 4-to-1 multiplexers can be combined with a single
digital inverter to yield an 8-to-1 multiplexer as shown in Figure
26. The ENABLE control pin allows the two op amp outputs to
be connected together directly. Taking the ENABLE pin high
shuts off the supply current to the output op amp and places the
op amp’s output and inverting input (Pin 12, –VIN) in high
impedance states.
The two least significant bits (LSBs) of the address lines
connect directly to the A0 and A1 inputs of both AD8174
devices. The third address line connects directly to the
ENABLE
input on one device and is inverted before being
applied to the ENABLE input on the second device. As a
result, when one device is enabled, the second device presents a
high impedance. The op amp of the enabled device must
however drive both feedback networks ((549
Ω + 549 Ω)/2).
The gain of this multiplexer has been set to +2 in this example.
This gives an overall gain of +1 when back terminated lines are
used. In applications where switching and settling times are
critical, the digital control pins (A0, A1 and ENABLE) should
also be appropriately terminated (with either 50
Ω or 75 Ω).


Similar Part No. - AD8170AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8170AN AD-AD8170AN Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Similar Description - AD8170AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com