Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCDPH25BLU Datasheet(PDF) 5 Page - Dubilier

Part # DBCDPH25BLU
Description  D TYPE CONNECTOR HOODS PLASTIC HOODS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDPH25BLU Datasheet(HTML) 5 Page - Dubilier

  DBCDPH25BLU Datasheet HTML 1Page - Dubilier DBCDPH25BLU Datasheet HTML 2Page - Dubilier DBCDPH25BLU Datasheet HTML 3Page - Dubilier DBCDPH25BLU Datasheet HTML 4Page - Dubilier DBCDPH25BLU Datasheet HTML 5Page - Dubilier DBCDPH25BLU Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
277
D TYPE CONNECTOR HOODS
LOW COST METALISED PLASTIC HOOD
ORDERING INFORMATION
DBC
D
MPHLC
09
Dubilier
Connectors
D Style
Hood Style
MPHLC =Metalised
Plastic Hood Low
Cost
MPHLC45 =Metalised
Plastic Hood Low
Cost 45˚
Nº of Ways
09 = 09ways
15 = 15ways
25 = 25ways
37 = 37ways
9, 15, 25 & 37 way
Accommodates 3 - 13mm cable sizes
Nickel over copper plating
Attention better than 40dB between 30mHz to 1 GHz
45˚ Cable entry available
OUTLINE DRAWING
TOP ENTRY
Sub D
A
B
C
9
31.2
39.9
15.0
15
39.5
41.5
15.0
25
53.4
48.6
15.0
37
69.7
53.6
15.0
45˚ ENTRY
Sub D
A
B
C
9
36.3
31
15.0
15
40.3
39.5
15.0
25
40.3
53.2
15.0
37
40.3
69.7
15.0
www.dubilier.co.uk


Similar Part No. - DBCDPH25BLU

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH25BLU DUBILIER-DBCDPH25BLU Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
More results

Similar Description - DBCDPH25BLU

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
   D TYPE CONNECTOR HOODS DIECAST HOODS
DBCDEH1 DUBILIER-DBCDEH1 Datasheet
117Kb / 1P
   D TYPE CONNECTOR HOODS ETHERNET AND THINNERNET HOODS
DBCDMPH09 DUBILIER-DBCDMPH09 Datasheet
111Kb / 1P
   D TYPE CONNECTOR HOOD METALISED PLASTIC HOODS
DBCDPSH09BLK DUBILIER-DBCDPSH09BLK Datasheet
246Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC SCREW TOGETHER HOOD
DBCDMPHLC09 DUBILIER-DBCDMPHLC09 Datasheet
175Kb / 1P
   D TYPE CONNECTOR HOODS LOW COST METALISED PLASTIC HOOD
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
C-8655-1685 FCI-CONNECTOR-C-8655-1685 Datasheet
321Kb / 4P
   STRAIGHT METAL HOODS
logo
Assmann Electronics Inc...
A-USBPA-HOOD-R ASSMANN-A-USBPA-HOOD-R Datasheet
176Kb / 1P
   Hoods for USB-Assembly, Type A, Male
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com