Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7714YRU Datasheet(PDF) 11 Page - Analog Devices

Part # AD7714YRU
Description  3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YRU Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7714YRU Datasheet HTML 7Page - Analog Devices AD7714YRU Datasheet HTML 8Page - Analog Devices AD7714YRU Datasheet HTML 9Page - Analog Devices AD7714YRU Datasheet HTML 10Page - Analog Devices AD7714YRU Datasheet HTML 11Page - Analog Devices AD7714YRU Datasheet HTML 12Page - Analog Devices AD7714YRU Datasheet HTML 13Page - Analog Devices AD7714YRU Datasheet HTML 14Page - Analog Devices AD7714YRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
2
AD7714
REV. C
–11–
AD7714-5 OUTPUT NOISE
Table Ia shows the output rms noise and effective resolution for some typical notch and –3 dB frequencies for the AD7714-5 with
fCLK IN = 2.4576 MHz while Table Ib gives the information for fCLK IN = 1 MHz. The numbers given are for the bipolar input ranges
with a VREF of +2.5 V and with BUFFER = 0. These numbers are typical and are generated at an analog input voltage of 0 V. The
numbers in brackets in each table are for the effective resolution of the part (rounded to the nearest 0.5 LSB). The effective resolu-
tion of the device is defined as the ratio of the output rms noise to the input full scale (i.e.,
2 × V
REF/GAIN
). It should be noted that
it is not calculated using peak-to-peak output noise numbers. Peak-to-peak noise numbers can be up to 6.6 times the rms numbers
while effective resolution numbers based on peak-to-peak noise can be 2.5 bits below the effective resolution based on rms noise as
quoted in the tables.
The output noise from the part comes from two sources. The first is the electrical noise in the semiconductor devices used in the
implementation of the modulator (device noise). Secondly, when the analog input signal is converted into the digital domain, quan-
tization noise is added. The device noise is at a low level and is largely independent of frequency. The quantization noise starts at
an even lower level but rises rapidly with increasing frequency to become the dominant noise source. Consequently, lower filter
notch settings (below 100 Hz approximately for fCLK IN = 2.4576 MHz and below 40 Hz approximately for fCLK IN = 1 MHz) tend to
be device noise dominated while higher notch settings are dominated by quantization noise. Changing the filter notch and cutoff
frequency in the quantization-noise dominated region results in a more dramatic improvement in noise performance than it does in
the device-noise dominated region as shown in Table I. Furthermore, quantization noise is added after the PGA, so effective resolu-
tion is largely independent of gain for the higher filter notch frequencies. Meanwhile, device noise is added in the PGA and, there-
fore, effective resolution reduces at high gains for lower notch frequencies. Additionally, in the device-noise dominated region, the
output noise (in
µV) is largely independent of reference voltage while in the quantization-noise dominated region, the noise is pro-
portional to the value of the reference. It is possible to do post-filtering on the device to improve the output data rate for a given
–3 dB frequency and also to further reduce the output noise.
At the lower filter notch settings (below 60 Hz for fCLK IN = 2.4576 MHz and below 25 Hz for fCLK IN = 1 MHz), the no missing
codes performance of the device is at the 24-bit level. At the higher settings, more codes will be missed until at 1 kHz notch setting
for fCLK IN = 2.4576 MHz (400 Hz for fCLK IN = 1 MHz), no missing codes performance is only guaranteed to the 12-bit level.
Table Ia. AD7714-5 Output Noise/Resolution vs. Gain and First Notch for f CLK IN = 2.4576 MHz, BUFFER = 0
Filter First
Typical Output RMS Noise in
V (Effective Resolution in Bits)
Notch & O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5 Hz
1.31 Hz
0.87
(22.5)
0.48
(22.5)
0.24 (22.5) 0.2
(21.5) 0.18 (20.5) 0.17 (20)
0.17 (19)
0.17 (18)
10 Hz
2.62 Hz
1.0
(22.5)
0.78
(21.5)
0.48 (21.5) 0.33 (21)
0.25 (20.5) 0.25 (19.5) 0.25 (18.5) 0.25 (17.5)
25 Hz
6.55 Hz
1.8
(21.5)
1.1
(21)
0.63 (21)
0.5
(20)
0.44 (19.5) 0.41 (18.5) 0.38 (17.5) 0.38 (16.5)
30 Hz
7.86 Hz
2.5
(21)
1.31
(21)
0.84 (20.5) 0.57 (20)
0.46 (19.5) 0.43 (18.5) 0.4
(17.5) 0.4
(16.5)
50 Hz
13.1 Hz
4.33
(20)
2.06
(20)
1.2
(20)
0.64 (20)
0.54 (19)
0.46 (18.5) 0.46 (17.5) 0.46 (16.5)
60 Hz
15.72 Hz
5.28
(20)
2.36
(20)
1.33 (20)
0.87 (19.5) 0.63 (19)
0.62 (18)
0.6
(17)
0.56 (16)
100 Hz
26.2 Hz
12.1
(18.5)
5.9
(18.5)
2.86 (19)
1.91 (18.5) 1.06 (18)
0.83 (17.5) 0.82 (16.5) 0.76 (15.5)
250 Hz
65.5 Hz
127
(15.5)
58
(15.5)
29
(15.5) 15.9 (15.5) 6.7
(15.5) 3.72 (15.5) 1.96 (15.5) 1.5
(14.5)
500 Hz
131 Hz
533
(13)
267
(13)
137 (13)
66
(13)
38
(13)
20
(13)
8.6
(13)
4.4
(13)
1 kHz
262 Hz
2,850 (11)
1,258 (11)
680 (11)
297 (11)
131 (11)
99
(10.5) 53
(10.5) 28
(10.5)
Table Ib. AD7714-5 Output Noise/Resolution vs. Gain and First Notch for fCLK IN = 1 MHz, BUFFER = 0
Filter First
Typical Output RMS Noise in
V (Effective Resolution in Bits)
Notch & O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
2 Hz
0.52 Hz
0.75
(22.5)
0.56
(22)
0.31 (22)
0.19 (21.5) 0.17 (21)
0.14 (20)
0.14 (19)
0.14 (18)
4 Hz
1.05 Hz
1.04
(22)
0.88
(21.5)
0.45 (21.5)
0.28 (21)
0.21 (20.5) 0.21 (19.5) 0.21 (18.5) 0.21 (17.5)
10 Hz
2.62 Hz
1.66
(21.5)
1.01
(21.5)
0.77 (20.5)
0.41 (20.5) 0.37 (19.5) 0.35 (19)
0.35 (18)
0.35 (17)
25 Hz
6.55 Hz
5.2
(20)
2.06
(20)
1.4
(20)
0.86 (19.5) 0.63 (19)
0.61 (18)
0.59 (17)
0.59 (16)
30 Hz
7.86 Hz
7.1
(19.5)
3.28
(19.5)
1.42 (19.5)
1.07 (19)
0.78 (18.5) 0.64 (18)
0.61 (17)
0.61 (16)
50 Hz
13.1 Hz
19.4
(18)
9.11
(18)
4.2
(18)
2.45 (18)
1.56 (17.5) 1.1
(17)
0.82 (16.5) 0.8
(15.5)
60 Hz
15.72 Hz
25
(17.5)
16
(17.5)
6.5
(17.5)
2.9
(17.5) 1.93 (17.5) 1.4
(17)
1.1
(16)
0.98 (15.5)
100 Hz
26.2 Hz
102
(15.5)
58
(15.5)
25
(15.5)
13.5 (15.5) 5.7
(15.5) 3.9
(15.5) 2.1
(15)
1.3
(15)
200 Hz
52.4 Hz
637
(13)
259
(13)
130 (13)
76
(13)
33
(13)
16
(13)
11
(13)
6
(12.5)
400 Hz
104.8 Hz
2,830 (11)
1,430 (11)
720 (11)
334 (11)
220 (10.5) 94
(10.5) 54
(10.5) 25
(10.5)


Similar Part No. - AD7714YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714YRU AD-AD7714YRU Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714YRU AD-AD7714YRU Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714YRU AD-AD7714YRU Datasheet
349Kb / 41P
   Signal Conditioning ADC
More results

Similar Description - AD7714YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com