Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7475BR-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7475BR-REEL7
Description  1 MSPS,12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475BR-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7475BR-REEL7 Datasheet HTML 1Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 2Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 3Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 4Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 5Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 6Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 7Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 8Page - Analog Devices AD7475BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7475/AD7495
Rev. B | Page 4 of 24
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
VDRIVE
2.7/5.25
2.7/5.25
V min/max
IDD3
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
750
750
μA typ
VDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
2.1
2.1
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS
1.5
1.5
mA max
VDD = 2.7 V to 3.6 V, fSAMPLE = 1 MSPS
Partial Power-Down Mode
450
450
μA typ
fSAMPLE = 100 kSPS
Partial Power-Down Mode
100
100
μA max
Static
Full Power-Down Mode
1
1
μA max
SCLK on or off
Power Dissipation
Normal Mode (Operational)
10.5
10.5
mW max
VDD = 5 V, fSAMPLE = 1 MSPS
4.5
4.5
mW max
VDD = 3 V, fSAMPLE = 1 MSPS
Partial Power-Down (Static)
500
500
μW max
VDD = 5 V
300
300
μW max
VDD = 3 V
Full Power-Down
5
5
μW max
VDD = 5 V
3
3
μW max
VDD = 3 V
1 Temperature ranges for A, B versions: −40°C to +85°C.
2 Guaranteed by initial characterization.
3 See the Power vs. Throughput Rate section.


Similar Part No. - AD7475BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475BR-REEL7 AD-AD7475BR-REEL7 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7475BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com