Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BR-REEL Datasheet(PDF) 17 Page - Analog Devices

Part No. AD7304BR-REEL
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BR-REEL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7304BR-REEL Datasheet HTML 12Page - Analog Devices AD7304BR-REEL Datasheet HTML 13Page - Analog Devices AD7304BR-REEL Datasheet HTML 14Page - Analog Devices AD7304BR-REEL Datasheet HTML 15Page - Analog Devices AD7304BR-REEL Datasheet HTML 16Page - Analog Devices AD7304BR-REEL Datasheet HTML 17Page - Analog Devices AD7304BR-REEL Datasheet HTML 18Page - Analog Devices AD7304BR-REEL Datasheet HTML 19Page - Analog Devices AD7304BR-REEL Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD7304/AD7305
Rev. C | Page 17 of 20
APPLICATIONS
The AD7304/AD7305 are inherently 2-quadrant multiplying
DACs. That is, they can easily be set up for unipolar output
operation. The full-scale output polarity is the same as the
reference input voltage polarity.
In some applications, it may be necessary to generate the full
4-quadrant multiplying capability or a bipolar output swing.
This is easily accomplished using an external true rail-to-rail op
amp, such as the OP295. Connecting the external amplifier with
two equal value resistors, as shown in Figure 38, results in a full
4-quadrant multiplying circuit. In this circuit, the amplifier
provides a gain of two, which increases the output span
magnitude to 10 V. The transfer equation of this circuit shows
that both negative and positive output voltages are created as
the input data (D) is incremented from code zero (VOUT = –5 V)
to midscale (VOUT = 0 V) to full scale (VOUT = +5 V).
REF
OUT
V
D
V
×
=
1
128
(2)
+5V
10k
10k
AD7304
REF
–5V
< V
OUT < +5V
2.2pF
Figure 38. 4-Quadrant Multiplying Application Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn