Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BR-REEL Datasheet(PDF) 16 Page - Analog Devices

Part No. AD7304BR-REEL
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BR-REEL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7304BR-REEL Datasheet HTML 12Page - Analog Devices AD7304BR-REEL Datasheet HTML 13Page - Analog Devices AD7304BR-REEL Datasheet HTML 14Page - Analog Devices AD7304BR-REEL Datasheet HTML 15Page - Analog Devices AD7304BR-REEL Datasheet HTML 16Page - Analog Devices AD7304BR-REEL Datasheet HTML 17Page - Analog Devices AD7304BR-REEL Datasheet HTML 18Page - Analog Devices AD7304BR-REEL Datasheet HTML 19Page - Analog Devices AD7304BR-REEL Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7304/AD7305
Rev. C | Page 16 of 20
AD7305 PARALLEL DATA INTERFACE
The AD7305 has an 8-bit parallel interface DB7 = MSB, DB0 =
LSB. Two address bits, A1 and A0, are decoded when an active
low write strobe is placed on the WR pin, see Table 6. The WR
is a level-sensitive input pin, therefore, the data setup and data
hold times defined in the Timing Specifications section need to
be adhered to.
AD7305
8
320k
280k
80k
640k
680k
VDD
LDAC
VSS
WR
VDD
VREF
GND
DATA
DB0–DB7
A1
A0/SHDN
R
R
R
R
POWER-
ON
RESET
DAC A
OE
DAC A
REGISTER
DAC B
OE
DAC B
REGISTER
DAC C
OE
DAC C
REGISTER
DAC D
OE
DAC D
REGISTER
DAC A
B
C
D
2:4
DECODE
VOUTC
VOUTB
VOUTA
VOUTD
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
R
R
R
R
Figure 36. AD7305 Equivalent Logic Interface
The LDAC pin provides the capability of simultaneously
updating all DAC registers with new data from the input
registers at the same time. This results in the analog outputs all
changing to their new values at the same time. The LDAC pin is
a level-sensitive input. If the simultaneous update feature is not
required, the LDAC pin can be tied to logic low. When the
LDAC is tied to Logic Low, the DAC registers become
transparent and the input register data determines the DAC
output voltage (see Figure 36 for an equivalent interface logic
diagram).
AD7226 PIN COMPATIBILITY
By tying the LDAC pin to ground, the AD7305 has the same pin
configuration and functionality as the AD7226, with the
exception of a lower power supply operating voltage.
AD7305 HARDWARE SHUTDOWN SHDN
If a three-state driver is used on the A0/SHDN pin, the AD7305
can be placed into a power shutdown mode when the A0/SHDN
pin is placed in a high impedance state. For proper operation,
no other termination voltages should be present on this pin. An
internal window comparator detects when the logic voltage on
the SHDN pin is between 28% and 36% of VDD. A high imped-
ance, internal-bias generator provides this voltage on the SHDN
pin. The four DAC output voltages become high impedance
with a nominal resistance of 120 kΩ to ground.
ESD PROTECTION CIRCUITS
All logic input pins contain back-biased ESD protection Zeners
connected to ground (GND). The VREF pins also contain a back-
biased ESD protection Zener connected to VDD (see Figure 37).
GND
DIGITAL
INPUTS
VDD
VREFX
Figure 37. Equivalent ESD Protection Circuits


Similar Part No. - AD7304BR-REEL

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304BR-REEL

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Maxim Integrated Products
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
Analog Devices
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
Maxim Integrated Products
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz