Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BR-REEL Datasheet(PDF) 14 Page - Analog Devices

Part No. AD7304BR-REEL
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BR-REEL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7304BR-REEL Datasheet HTML 10Page - Analog Devices AD7304BR-REEL Datasheet HTML 11Page - Analog Devices AD7304BR-REEL Datasheet HTML 12Page - Analog Devices AD7304BR-REEL Datasheet HTML 13Page - Analog Devices AD7304BR-REEL Datasheet HTML 14Page - Analog Devices AD7304BR-REEL Datasheet HTML 15Page - Analog Devices AD7304BR-REEL Datasheet HTML 16Page - Analog Devices AD7304BR-REEL Datasheet HTML 17Page - Analog Devices AD7304BR-REEL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7304/AD7305
Rev. C | Page 14 of 20
CIRCUIT OPERATION
The AD7304/AD7305 are 4-channel, 8-bit, voltage output
DACs, differing primarily in digital logic interface and number
of reference inputs. Both parts share the same internal DAC
design and true rail-to-rail output buffers. The AD7304 contains
four independent multiplying reference inputs, while the
AD7305 has one common reference input. The AD7304 uses a
3-wire SPI-compatible serial data interface, while the AD7305
offers an 8-bit parallel data interface.
DAC SECTION
Each part contains four voltage-switched R-2R ladder DACs.
Figure 33 shows a typical equivalent DAC. These DACs are
designed to operate both single-supply or dual-supply,
depending on whether the user supplies a negative voltage on
the VSS pin. In a single-supply application, the VSS is tied to
ground. In either mode, the DAC output voltage is determined
by the VREF input voltage and the digital data (D) loaded into
the corresponding DAC register according to Equation 1.
VOUT = VREF D/256
(1)
Note that the output full-scale polarity is the same as the VREF
polarity for dc reference voltages.
VREF
DB7
2R
VDD
VSS
VOUT
R
2R
DB6
2R
DB0
2R
Figure 33. Typical Equivalent DAC Channel
These DACs are also designed to accommodate ac reference
input signals. As long as the ac signals are maintained between
VSS < VREF < VDD, the user can expect 50 kHz of full power,
multiplying bandwidth performance. In order to use negative
input reference voltages, the VSS pin must be biased with a
negative voltage of equal or greater magnitude than the
reference voltage.
The reference inputs are code dependent, exhibiting worst-case
minimum resistance values specified in the parametric specifi-
cation table. The DAC outputs VOUTA, VOUTB, VOUTC, and VOUTD
are each capable of driving 2 kΩ loads in parallel with up to 500 pF
loads. Output sink current and source current are shown in
Figure 10 and Figure 11, respectively. The output slew rate is
nominally 3.6 V/µs while operating from ±5 V supplies. The
low output impedance of the buffers minimizes crosstalk
between analog input channels. At 100 kHz, 65 dB of channel-
to-channel isolation exists (Figure 26). Output voltage noise is
plotted in Figure 23. In order to maintain good analog perform-
ance, power supply bypassing of 0.01 µF in parallel with 1 µF is
recommended. The true rail-to-rail capability of the AD7304/AD7305
allows the user to connect the reference inputs directly to the
same supply as the VDD or VSS pin (Figure 34). Under these
conditions, clean power supply voltages (low ripple, avoid
switching supplies) appropriate for the application should be
used.
VDD
VSS
VOUTX
120k
Q1
Q2
Figure 34. Equivalent DAC Amplifier Output Circuit


Similar Part No. - AD7304BR-REEL

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304BR-REEL

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Maxim Integrated Products
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
Analog Devices
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
Maxim Integrated Products
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz