Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BR-REEL Datasheet(PDF) 13 Page - Analog Devices

Part No. AD7304BR-REEL
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BR-REEL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7304BR-REEL Datasheet HTML 9Page - Analog Devices AD7304BR-REEL Datasheet HTML 10Page - Analog Devices AD7304BR-REEL Datasheet HTML 11Page - Analog Devices AD7304BR-REEL Datasheet HTML 12Page - Analog Devices AD7304BR-REEL Datasheet HTML 13Page - Analog Devices AD7304BR-REEL Datasheet HTML 14Page - Analog Devices AD7304BR-REEL Datasheet HTML 15Page - Analog Devices AD7304BR-REEL Datasheet HTML 16Page - Analog Devices AD7304BR-REEL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7304/AD7305
Rev. C | Page 13 of 20
DIGITAL INPUT VOLTAGE (V)
12
10
0
05
1
23
4
8
6
4
2
VDD = +5V
VSS = –5V
VREF = +2.5V
A0 = +5V
ALL OTHER DIGITAL
PINS VARYING
IDD
ISS
Figure 28. Supply Current vs. Digital Input Voltage
DIGITAL INPUT VOLTAGE (V)
10
1
0.0001
05
1
234
0.1
0.01
0.001
VDD = +5V
VSS = –5V
VREF = +2.5V
ALL DIGITAL PINS VARY,
EXCEPT A0 = +5V
IDD
ISS
Figure 29. Shutdown Supply Current vs. Digital Input Voltage (A0 Only)
TEMPERATURE (
°C)
5.0
4.4
2.0
–55
125
–35
–15
5
25
45
65
85
105
3.8
3.2
2.6
VDD = +5V
VSS = –5V
VREF = +2.5V
IDD AND ISS
Figure 30. Supply Current vs. Temperature
80
20
–55
125
–35
–15
5
25
45
65
85
105
70
60
50
40
30
VDD = +5.5V
VSS = –5.5V
VREF = +2.5V
PIN A0 FLOATING
TEMPERATURE (
°C)
Figure 31. Shutdown Supply Current vs. Temperature
TEMPERATURE (
°C)
0.08
–0.04
084
168
252
336
420
504
0.04
0
–0.08
READING MADE AT TA = +25°C
SAMPLE SIZE = 924 UNITS
VDD = +2.7V
VDD = +5.5V
Figure 32. Normalized TUE Drift Accelerated by Burn-In Hours
of Operation @ 150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn