Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5425YRMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD5425YRMZ
Description  8-Bit, High Bandwidth Multiplying DAC with Serial Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5425YRMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5425YRMZ Datasheet HTML 7Page - Analog Devices AD5425YRMZ Datasheet HTML 8Page - Analog Devices AD5425YRMZ Datasheet HTML 9Page - Analog Devices AD5425YRMZ Datasheet HTML 10Page - Analog Devices AD5425YRMZ Datasheet HTML 11Page - Analog Devices AD5425YRMZ Datasheet HTML 12Page - Analog Devices AD5425YRMZ Datasheet HTML 13Page - Analog Devices AD5425YRMZ Datasheet HTML 14Page - Analog Devices AD5425YRMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD5425
Data Sheet
Rev. C | Page 10 of 24
Figure 16. Supply Current vs. Input Voltage
Figure 17. Threshold Voltages vs. Supply Voltage
Figure 18. Reference Multiplying Bandwidth—All 1s Loaded
Figure 19. Midscale Transition, VREF = 3.5 V
Figure 20. Reference Multiplying Bandwidth vs. Frequency and Code
Figure 21. Reference Multiplying Bandwidth vs. Frequency and
Compensation Capacitor
INPUT VOLTAGE (V)
5
0
1
2
3
4
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VDD = 3V
VDD = 2.5V
VDD = 5V
TA = 25°C
VOLTAGE (V)
5.5
2.5
3.0
3.5
4.0
4.5
5.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
VIL
VIH
FREQUENCY (Hz)
100M
1
10
100
1k
10k
100k
1M
10M
0.2
0
–0.2
–0.4
–0.6
–0.8
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8083 AMPLIFIER
TIME (ns)
300
0
50
100
150
200
250
0.060
0.030
0.040
0.050
0.010
0.020
–0.010
0
–0.020
TA = 25°C
VREF = 0V
AD8038 AMPLIFIER
CCOMP = 1.8pF
VDD 3V, 0V REF
NRG = 0.088nVs
0x800 TO 0x7FF
VDD 5V, 0V REF
NRG = 0.119nVs,
0x800 TO 0x7FF
VDD 3V, 0V REF
NRG = 1.877nVs
0x7FF TO 0x800
VDD 5V, 0V REF
NRG = 2.049nVs
07xFF TO 0x800
FREQUENCY (Hz)
100M
1
10
100
1k
10k
100k
1M
10M
6
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
–66
–72
–78
–84
–90
–96
–102
TA = 25°C
LOADING
ZS TO FS
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
TA = 25°C
VDD = 5V
VREF = ±3.5V
INPUT
CCOMP = 1.8pF
AD8083 AMPLIFIER
FREQUENCY (Hz)
100M
10k
100k
1M
10M
3
0
–3
–6
–9
TA = 25°C
VDD = 5V
AD8038 AMPLIFIER
VREF = ±2V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1.47pF
VREF = ±3.51V, AD8038 CC 1.8pF
VREF = ±2V, AD8038 CC 1.47pF


Similar Part No. - AD5425YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5425YRMZ AD-AD5425YRMZ Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5425YRMZ-REEL AD-AD5425YRMZ-REEL Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5425YRMZ-REEL7 AD-AD5425YRMZ-REEL7 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
More results

Similar Description - AD5425YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5425 AD-AD5425 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com