Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM101C-AC Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSM101C-AC
Description  VOLTAGE AND CURRENT CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101C-AC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSM101C-AC Datasheet HTML 5Page - STMicroelectronics TSM101C-AC Datasheet HTML 6Page - STMicroelectronics TSM101C-AC Datasheet HTML 7Page - STMicroelectronics TSM101C-AC Datasheet HTML 8Page - STMicroelectronics TSM101C-AC Datasheet HTML 9Page - STMicroelectronics TSM101C-AC Datasheet HTML 10Page - STMicroelectronics TSM101C-AC Datasheet HTML 11Page - STMicroelectronics TSM101C-AC Datasheet HTML 12Page - STMicroelectronics TSM101C-AC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10/13
TSM101 integrates in the same 8 pin DIP or SO
package
• one 1.24V precision voltage reference
• two operationnal amplifiers
• two diodes which impose a NOR function on the
outputs of the operationnal amplifiers
• one current source which can be activated/ in-
hibited thanks to an external pin.
An immediate way to take advantage of the high
integration and reliability of TSM101 is to use it as
a voltage and current controller on power supplies
secondary. The application note AN896 describes
precisely how to use TSM101 in an SMPS battery
charger.
The TSM101 Evaluation Board is adaptable to any
power supply or battery charger (SMPS or linear)
as a voltage and current controller with minimal
constraints from the user.
HOW TO USE THE TSM101 EVALUATION
BOARD ?
The generic Electrical Schematic is shown on fig-
ure 1. It represents an incomplete SMPS power
supply where the primary side is simplified.
The “IN+”and “IN-” power inputs of the evalua-
tion board should be connected directly to the
power lines of the power supply secondary.
The “Vcc” input of the evaluation board should
be connected to the auxiliary supply line.
In the case of an SMPS power supply, the “Reg”
output of the evaluation board should be connect-
ed to the Optocoupler input to regulate the PWM
block in the primary side. In the case of a linear
power supply, the “Reg” output should be con-
nected to the base of the darlington to regulate the
power output.
A diode might be needed on the output of the eval-
uation board in the case of a battery charger appli-
cation to avoid the discharge of the battery when
the charger is not connected.
COMPONENTS CALCULATIONS
The voltage control is given by the choice of the
resistor bridge R6/R7 (and the trimmer P1) due to
equation 1 :
• Vref = R6/(R6+R7)xVout
eq1
where Vref = 1.24V
Figure 1
EVALUATION BOARD -TECHNICAL NOTE


Similar Part No. - TSM101C-AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101C STMICROELECTRONICS-TSM101C Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
TSM101C STMICROELECTRONICS-TSM101C Datasheet
389Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
TSM101C/AC STMICROELECTRONICS-TSM101C/AC Datasheet
391Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
More results

Similar Description - TSM101C-AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
STMicroelectronics
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
   Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com