Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD845KN Datasheet(PDF) 2 Page - Analog Devices

Part # AD845KN
Description  Precision, 16 MHz CBFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD845KN Datasheet(HTML) 2 Page - Analog Devices

  AD845KN Datasheet HTML 1Page - Analog Devices AD845KN Datasheet HTML 2Page - Analog Devices AD845KN Datasheet HTML 3Page - Analog Devices AD845KN Datasheet HTML 4Page - Analog Devices AD845KN Datasheet HTML 5Page - Analog Devices AD845KN Datasheet HTML 6Page - Analog Devices AD845KN Datasheet HTML 7Page - Analog Devices AD845KN Datasheet HTML 8Page - Analog Devices AD845KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD845–SPECIFICATIONS
REV. E
–2–
(@ 25 C and
15 V dc, unless otherwise noted.)
AD845J/A
AD845K/B
AD845S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
1
Initial Offset
0.7
1.5
0.1
0.25
0.25
1.0
mV
TMIN to TMAX
2.5
0.4
2.0
mV
Offset Drift
20
1.5
5.0
10
mV/∞C
INPUT BIAS CURRENT
2
Initial
VCM = 0 V
0.75
2
0.5
1
0.75
2
nA
TMIN to TMAX
45/75
18/38
500
nA
INPUT OFFSET CURRENT
Initial
VCM = 0 V
25
300
15
100
25
300
pA
TMIN to TMAX
3/6.5
1.2/2.6
20
nA
INPUT CHARACTERISTICS
Input Resistance
10
11
10
11
10
11
k
W
Input Capacitance
4.0
4.0
4.0
pF
INPUT VOLTAGE RANGE
Differential
±20
±20
±20
V
Common-Mode
10
+10.5/–13
10
+10.5/–13
10
+10.5/–13
V
Common-Mode Rejection
VCM =
±10 V
86
110
94
113
86
110
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
4
4
4
mV p-p
f = 10 Hz
80
80
80
nV/
÷Hz
f = 100 Hz
60
60
60
nV/
÷Hz
f = 1 kHz
25
25
25
nV/
÷Hz
f = 10 kHz
18
18
18
nV/
÷Hz
f = 100 kHz
12
12
12
nV/
÷Hz
INPUT CURRENT NOISE
f = 1 kHz
0.1
0.1
0.1
pA/
÷Hz
OPEN-LOOP GAIN
VO =
±10 V
RLOAD
≥ 2 kW
200
500
250
500
200
500
V/mV
RLOAD
≥ 500 W
100
250
125
250
100
250
V/mV
TMIN–TMAX
70
75
50
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD
≥ 500 W
12.5
12.5
12.5
V
Current
Short Circuit
50
50
50
mA
Output Resistance
Open Loop
5
5
5
W
FREQUENCY RESPONSE
Small Signal
Unity Gain
12.8
16
13.6
16
13.6
16
MHz
Full Power Bandwidth
3
VO =
±10 V
RLOAD = 500
W
1.75
1.75
1.75
MHz
Rise Time
20
20
20
ns
Overshoot
20
20
20
%
Slew Rate
80
100
94
100
94
100
V/
ms
Settling Time
10 V Step
CLOAD = 100 pF
RLOAD = 500
W
to 0.01%
350
350
500
350
500
ns
to 0.1%
250
250
250
ns
DIFFERENTIAL GAIN
f = 4.4 MHz
0.04
0.04
0.04
%
DIFFERENTIAL PHASE
f = 4.4 MHz
0.02
0.02
0.02
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
4.75
18
4.75
18
4.75
18
V
Rejection Ratio
VS =
±5 to ±15 V 88
110
95
113
88
110
dB
Quiescent Current
TMIN to TMAX
10
12
10
12
10
12
mA
NOTES
1Input offset voltage specifications are guaranteed after five minutes of operation at T
A = 25
∞C.
2Bias current specifications are guaranteed maximum at either input after five minutes of operation at T
A = 25
∞C.
3FPBW = slew rate/2
p V peak.
4S grade T
MIN–TMAX are tested with automatic test equipment at T A = –55
∞C and TA = +125∞C.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test. Results from these tests are
used to calculate outgoing quality levels.
Specifications subject to change without notice.


Similar Part No. - AD845KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845KN AD-AD845KN Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845KN AD-AD845KN Datasheet
174Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845KN AD-AD845KN Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
More results

Similar Description - AD845KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com