Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD664BD-UNI Datasheet(PDF) 8 Page - Analog Devices

Part # AD664BD-UNI
Description  Monolithic 12-Bit Quad DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664BD-UNI Datasheet(HTML) 8 Page - Analog Devices

Back Button AD664BD-UNI Datasheet HTML 4Page - Analog Devices AD664BD-UNI Datasheet HTML 5Page - Analog Devices AD664BD-UNI Datasheet HTML 6Page - Analog Devices AD664BD-UNI Datasheet HTML 7Page - Analog Devices AD664BD-UNI Datasheet HTML 8Page - Analog Devices AD664BD-UNI Datasheet HTML 9Page - Analog Devices AD664BD-UNI Datasheet HTML 10Page - Analog Devices AD664BD-UNI Datasheet HTML 11Page - Analog Devices AD664BD-UNI Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AD664
REV.
–8–
Table II. AD664 Digital Truth Table
Function
DS1, DS0
LS
MS
TR
QS0
, 1, 21
RD
CS
RST
Load 1st Rank (data)
DACA
00
0
1
1
Select Quad
1
1
→01
DACB
01
0
1
1
Select Quad
1
1
→01
DACC
10
0
1
1
Select Quad
1
1
→01
DACD
11
0
1
1
Select Quad
1
1
→01
Load 2nd Rank (data)
XX
1
1
1
XXX
1
1
→01
Readback 2nd Rank (data)
Select D/A
X
1
1
Select Quad
0
1
→01
Reset
XX
X
X
X
XXX
X
X
0
Transparent
1
All DACs
XX
1
1
0
000
1
1
→01
DACA
00
0
1
0
000
1
1
→01
DACB
01
0
1
0
000
1
1
→01
DACC
10
0
1
0
000
1
1
→01
DACD
11
0
1
0
000
1
1
→01
Mode Select
1, 2
1st Rank
XX
0
0
1
00X
1
1
→01
2nd Rank
XX
1
0
1
XXX
1
1
→01
Readback Mode1
XX
X
0100X
01
→01
Update 2nd Rank
and Mode
XX
1
0
0
XXX
1
1
→01
NOTES
X = Don’t Care.
1For 44-pin versions only. Allow the AD664 to be addressed in 4-bit nibble, 8-bit byte or 12-bit parallel words.
2For MS, TR, LS = 0, a MS 1st write occurs.
Figure 9a. Update Output of a Single DAC
25 CTMIN to TMAX
SYMBOL
MIN (ns)
MIN (ns)
tLS*0
0
tDS
00
tDH
00
tLW
60
80
tCH
30
50
tAS
00
tAH
00
*FOR tLS > 0, THE WIDTH OF LS MUST BE
INCREASED BY THE SAME AMOUNT THAT
tLS IS GREATER THAN 0 ns.
Figure 9b. Update Output of a Single DAC Timing
The following sections detail the timing requirements for
various data loading schemes. All of the timing specifica-
tions shown assume VIH = 2.4 V, VIL = 0.4 V, VCC = +15 V,
VEE = –15 V and VLL = +5 V.
Load and Update One DAC Output
In this first example, the object is simply to change the output of
one of the four DACs on the AD664 chip. The procedure is to
select the address bits that indicate the DAC to be programmed,
pull LATCH SELECT (LS) low, pull CHIP SELECT (CS)
low, release LS and then release CS. When CS goes low, data
enters the first rank of the input latch. As soon as LS goes high,
the data is transferred into the second rank and produces the
new output voltage. During this transfer, MS, TR, RD and RST
should be held high.
Preloading the First Rank of One DAC
In this case, the object is to load new data into the first rank of
one of the DACs but not the output. As in the previous case, the
address and data inputs are placed on the appropriate pins. LS
is then brought to “0” and then CS is asserted. Note that in this
situation, however, CS goes high before LS goes high. The in-
put data is prevented from getting to the second rank and affect-
ing the output voltage.
D


Similar Part No. - AD664BD-UNI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664BD-UNI AD-AD664BD-UNI Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664BD-UNI AD-AD664BD-UNI Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
More results

Similar Description - AD664BD-UNI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664_15 Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_17 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com