Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816CEHA150Z Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8816CEHA150Z
Description  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816CEHA150Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8816CEHA150Z Datasheet HTML 1Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 2Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 3Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 4Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 5Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 6Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 7Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 8Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AME
1
AME8816
1.5A CMOS LDO
Rev.H.04
n Typical Application
n Functional Block Diagram
(Fixed Versions)
l Very Low Dropout Voltage
l Guaranteed 1.5A Output
l Accurate to within 1.5%
l 45
µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor (Fixed
Versions)
l Power-Saving Shutdown Mode
l Low Temperature Coefficient
l Adjustable Version
The AME8816 family of positive, linear regulators fea-
ture low quiescent current (45
µA typ.) with low dropout
voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
In applications requiring a low noise, regulated supply,
place a 1000pF capacitor between Bypass and Ground.
The AME8816 is stable with an output capacitance of
4.7
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
(Adjustable Version)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
OUT
IN
R1
R2
1.242V
EN
BYPASS
(external)
(external)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
IN
1.242V
GND
OUT
R1
R2
EN
ADJ
l All AME’s Lead Free Products Meet RoHS
Standards
AME8816
OUT
IN
C3
4.7
µF
C1
1
µF
GND
OUT
EN
BYP
C2
1000pF
IN


Similar Part No. - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816CEHAADJ AME-AME8816CEHAADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Similar Description - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com