Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8815AECS150Z Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8815AECS150Z
Description  1.5A CMOS LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815AECS150Z Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8815AECS150Z Datasheet HTML 1Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 2Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 3Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 4Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 5Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 6Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 7Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 8Page - Analog Microelectronics AME8815AECS150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AME
2
1.5A CMOS LDO
AME8815
Rev. S.07
n Pin Configuration
AME8815AEGTxxx
1. IN
2. GND(TAB)
3. OUT
* Die Attach:
Conductive Epoxy
SOT-223
Top View
SOT-223
Top View
AME8815BEGTxxx
1. GND
2. OUT(TAB)
3. IN
* Die Attach:
Non-Conductive Epoxy
TO-252-2
Top View
TO-252-2
Top View
AME8815AECSxxx
1. IN
2. GND(TAB)
3. OUT
* Die Attach:
Conductive Epoxy
AME8815BECSxxx
1. GND
2. OUT(TAB)
3. IN
* Die Attach:
Non-Conductive Epoxy
TO-220-3
Top View
TO-220-3
Top View
AME8815AEBTxxx
1. IN
2. GND(TAB)
3. OUT
* Die Attach:
Conductive Epoxy
AME8815BEBTxxx
1. GND
2. OUT(TAB)
3. IN
* Die Attach:
Non-Conductive Epoxy
1
3
2
AME8815
1
3
2
AME8815
1
3
2
AME8815
1
3
2
AME8815
AMExxxx
1
AME8815
2
3
AMExxxx
1
AME8815
2
3


Similar Part No. - AME8815AECS150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815AECS150 AME-AME8815AECS150 Datasheet
113Kb / 17P
   1.5A CMOS LDO
More results

Similar Description - AME8815AECS150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com