Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816BEHVADJZ Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8816BEHVADJZ
Description  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816BEHVADJZ Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8816BEHVADJZ Datasheet HTML 5Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 6Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 7Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 8Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 9Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 10Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 11Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 12Page - Analog Microelectronics AME8816BEHVADJZ Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AME
9
AME8816
1.5A CMOS LDO
Rev.H.04
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1300
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
1500
mA
Current Limit
ILIM
1500
2000
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
(For Fixed Output Voltage Options)
Minimun Load Current
(For ADJ Option)
IMIN
1
mA
Ground Pin Current
IGND
45
µA
VO < 2.0V
-0.15
0.15
%
4.0 > VO >= 2.0V
-0.1
0.02
0.1
%
4.0V <= VO
-0.4
0.4
%
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
1.223 1.242 1.261
V
f=100Hz
f=1kHz
50
f=10kHz
20
f=100Hz
f=1kHz
75
f=10kHz
55
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
2
µA
dB
VIN = 5V , VO=0V, VEN=0V
dB
VIN = 5V , VADJ = 1.242V
µVrms
30
µVrms
Co=4.7
µF
EN Input Threshold
EN Input Bias Current
VIN= 7V
VEN=0V, VIN= 7V
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0.01
µF
Co=4.7
µF
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0
µF
IO=100mA
CO=4.7
µF ceramic
CBYP=0.01
µF
PSRR
Power Supply Rejection
Test Condition
30
IO=100mA
CO=4.7
µF ceramic
Power Supply Rejection
PSRR
mV
VO>1.2V
VO>1.2V
VO<0.4V
See
chart
IO=1.5A
VO=VO(NOM) -2.0%
Dropout Voltage
VDROPOUT
IO=1mA to 1.5A
IO=1mA to 1.5A
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
IQ
VEN = VEHmin, IO=1mA
IO=0mA
45
70
µA
n Electrical Specifications
V
IN = VO(NOM) +2V, VEN = VIN, TA = 25
OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT
Note2.V
O(nom) : nominal output voltage of fixed version


Similar Part No. - AME8816BEHVADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816BEHAADJ AME-AME8816BEHAADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Similar Description - AME8816BEHVADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com