Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8815BEGS120Z Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8815BEGS120Z
Description  1.5A CMOS LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815BEGS120Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8815BEGS120Z Datasheet HTML 1Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 2Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 3Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 4Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 5Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 6Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 7Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 8Page - Analog Microelectronics AME8815BEGS120Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AME
1
AME8815
1.5A CMOS LDO
Rev. S.07
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 1.5A Output
l Accurate to within 1.5%
l 45
µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Low Temperature Coefficient
The AME8815 family of linear regulators feature low
quiescent current (45
µA typ.) with low dropout voltage,
making them ideal for battery applications. It is available
in TO-252, SOT-223, TO-263 and TO-220 packages.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
The AME8815 is stable with an output capacitance of
4.7
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
l All AME’ s Lead Free Products Meet RoHS
Standards
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
V
OUT
V
IN
R1
R2
4.7
µF
AME8815
V
OUT
V
IN
C2
C1
1
µF
IN
GND
OUT


Similar Part No. - AME8815BEGS120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815BEGT150 AME-AME8815BEGT150 Datasheet
113Kb / 17P
   1.5A CMOS LDO
AME8815BEGT180 AME-AME8815BEGT180 Datasheet
113Kb / 17P
   1.5A CMOS LDO
AME8815BEGT250 AME-AME8815BEGT250 Datasheet
113Kb / 17P
   1.5A CMOS LDO
AME8815BEGT330 AME-AME8815BEGT330 Datasheet
113Kb / 17P
   1.5A CMOS LDO
AME8815BEGT475 AME-AME8815BEGT475 Datasheet
113Kb / 17P
   1.5A CMOS LDO
More results

Similar Description - AME8815BEGS120Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com