Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMM20B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AMM20B
Description  AMM20B Multiturn Magnetic Position Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AMM20B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AMM20B Datasheet HTML 1Page - Bourns Electronic Solutions AMM20B Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
AMM20B Multiturn Magnetic Position Sensor
How To Order
REV. 09/13
AM M 2
0
B
5
A
1
B L
A S
L
38
0
Code
M
Description
Multiturn
CONFIGURATION
Code
B
Description
Bushing Mount,
Stainless Steel Shaft:
13/16 ” FMS, 1/4 ” Dia.
Bushing Material: Brass
Bearing Type: Sleeve
MOUNTING CONFIGURATION
Code
AM
Description
Analog Magnetic
MODEL DESIGNATOR
Code
20
Description
20 mm
SIZE
Code
Type
Analog / Single Output
OUTPUT TYPE
Code
24
40
80
Description
1080 ° (3 Turns)
1800 ° (5 Turns)
3600 ° (10 Turns)
EFFECTIVE
ELECTRICAL ANGLE
Code
5
Description
5 VDC
Code
H
L
Output Refresh Rate
High (400 μs Typ.)
Low (660 μs Typ.)
PROCESSING SPEED
Code
S
Description
Slotted
SHAFT STYLE
Code
A
Description
1-99 % of VCC
VOLTAGE RATIO ±1 %
Code
1
3
Description
CCW (Output Increasing)
CW (Output Increasing)
Shaded areas represent most common features.
DIRECTION
Code
A
B
C
Description
± 1.0 %
± 0.5 %
± 0.3 %
INDEPENDENT LINEARITY
A1
Code
L
Description
Axial PC Pin
TERMINAL CONFIGURATION
SUPPLY VOLTAGE, VCC
Standard Output: 10-Turn CW Increasing (Code 380 Shown)
40
30
20
10
0
90
100
80
70
60
50
0
1000
CW DIRECTION
1500
Mechanical Angle (°)
2500
3000
4000
500
2000
3500
OUTPUT


Similar Part No. - AMM20B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
More results

Similar Description - AMM20B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
logo
ASM GmbH
PMIS3-20-5-50KHZ ASM-SENSOR-PMIS3-20-5-50KHZ Datasheet
238Kb / 9P
   Magnetic Scale Position Sensor
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com