Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4350EA250 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4350EA250
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4350EA250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4350EA250 Datasheet HTML 7Page - Texas Instruments OPA4350EA250 Datasheet HTML 8Page - Texas Instruments OPA4350EA250 Datasheet HTML 9Page - Texas Instruments OPA4350EA250 Datasheet HTML 10Page - Texas Instruments OPA4350EA250 Datasheet HTML 11Page - Texas Instruments OPA4350EA250 Datasheet HTML 12Page - Texas Instruments OPA4350EA250 Datasheet HTML 13Page - Texas Instruments OPA4350EA250 Datasheet HTML 14Page - Texas Instruments OPA4350EA250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
11
FEEDBACK CAPACITOR IMPROVES
RESPONSE
For
optimum
settling
time
and
stability
with
high-impedance
feedback
networks,
it
may
be
necessary to add a feedback capacitor across the
feedback resistor, RF, as shown in Figure 4. This
capacitor compensates for the zero created by the
feedback network impedance and the OPA350’s input
capacitance (and any parasitic layout capacitance).
The effect becomes more significant with higher
impedance networks.
O PA350
V+
V
OUT
V
IN
R
IN
R
IN • CIN =RF • CF
R
F
C
L
C
IN
C
IN
C
F
Where C
IN is equal to the OPA350’s input
capacitance (approximately 9pF) plus any
parasitic layout capacitance.
Figure 4. Feedback Capacitor Improves Dynamic
Performance
It is suggested that a variable capacitor be used for the
feedback capacitor since input capacitance may vary
between op amps and layout capacitance is difficult to
determine. For the circuit shown in Figure 4, the value
of the variable feedback capacitor should be chosen so
that the input resistance times the input capacitance of
the OPA350 (typically 9pF) plus the estimated parasitic
layout capacitance equals the feedback capacitor times
the feedback resistor:
R
IN
@ C
IN
+ R
F
@ C
F
where CIN is equal to the OPA350’s input capacitance
(sum of differential and common-mode) plus the layout
capacitance. The capacitor can be varied until optimum
performance is obtained.
DRIVING A/D CONVERTERS
OPA350 series op amps are optimized for driving
medium
speed
(up
to
500kHz)
sampling
A/D
converters.
However,
they
also
offer
excellent
performance for higher speed converters. The OPA350
series provides an effective means of buffering the
A/D’s input capacitance and resulting charge injection
while providing signal gain.
Figure 5 shows the OPA350 driving an ADS7861. The
ADS7861 is a dual, 500kHz, 12-bit sampling converter
in the tiny SSOP-24 package. When used with the
miniature package options of the OPA350 series, the
combination is ideal for space-limited applications. For
further information, consult the ADS7861 data sheet
(SBAS110A).
OUTPUT IMPEDANCE
The low frequency open-loop output impedance of the
OPA350’s
common-source
output
stage
is
approximately 1k
Ω. When the op amp is connected with
feedback, this value is reduced significantly by the loop
gain of the op amp. For example, with 122dB of
open-loop gain, the output impedance is reduced in
unity-gain to less than 0.001
Ω. For each decade rise in
the closed-loop gain, the loop gain is reduced by the
same amount which results in a ten-fold increase in
effective
output
impedance
(see
the
typical
characteristic, Output Impedance vs Frequency).
At higher frequencies, the output impedance will rise as
the open-loop gain of the op amp drops. However, at
these frequencies the output also becomes capacitive
due to parasitic capacitance. This prevents the output
impedance from becoming too high, which can cause
stability problems when driving capacitive loads. As
mentioned previously, the OPA350 has excellent
capacitive load drive capability for an op amp with its
bandwidth.
VIDEO LINE DRIVER
Figure 6 shows a circuit for a single supply, G = 2
composite video line driver. The synchronized outputs
of a composite video line driver extend below ground.
As shown, the input to the op amp should be ac-coupled
and shifted positively to provide adequate signal swing
to account for these negative signals in a single-supply
configuration.
The input is terminated with a 75
Ω resistor and
ac-coupled with a 47
µF capacitor to a voltage divider
that provides the dc bias point to the input. In Figure 6,
this point is approximately (V−) + 1.7V. Setting the
optimal bias point requires some understanding of the
nature
of
composite
video
signals.
For
best
performance, one should be careful to avoid the
distortion caused by the transition region of the
OPA350’s complementary input stage. Refer to the
discussion of rail-to-rail input.


Similar Part No. - OPA4350EA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350EA BURR-BROWN-OPA4350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4350EA TI-OPA4350EA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA TI1-OPA4350EA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA4350EA-250 TI-OPA4350EA-250 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA-2K5 TI-OPA4350EA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA4350EA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com