Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2350UA2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2350UA2K5
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2350UA2K5 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2350UA2K5 Datasheet HTML 1Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 2Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 3Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 4Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 5Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 6Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 7Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 8Page - Texas Instruments OPA2350UA2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FEATURES
D RAIL-TO-RAIL INPUT
D RAIL-TO-RAIL OUTPUT (within 10mV)
D WIDE BANDWIDTH: 38MHz
D HIGH SLEW RATE: 22V/µs
D LOW NOISE: 5nV/√Hz
D LOW THD+NOISE: 0.0006%
D UNITY-GAIN STABLE
D MicroSIZE PACKAGES
D SINGLE, DUAL, AND QUAD
APPLICATIONS
D CELL PHONE PA CONTROL LOOPS
D DRIVING A/D CONVERTERS
D VIDEO PROCESSING
D DATA ACQUISITION
D PROCESS CONTROL
D AUDIO PROCESSING
D COMMUNICATIONS
D ACTIVE FILTERS
D TEST EQUIPMENT
DESCRIPTION
The
OPA350
series
rail-to-rail
CMOS
operational
amplifiers are optimized for low voltage, single-supply
operation. Rail-to-rail input/output, low noise (5nV/
√Hz),
and high speed operation (38MHz, 22V/
µs) make them
ideal
for
driving
sampling
Analog-to-Digital
(A/D)
converters. They are also well suited for cell phone PA
control loops and video processing (75
Ω drive capability)
as well as audio and general purpose applications. Single,
dual, and quad versions have identical specifications for
maximum design flexibility.
The OPA350 series operates on a single supply as low as
2.5V with an input common-mode voltage range that
extends 300mV below ground and 300mV above the
positive supply. Output voltage swing is to within 10mV of
the supply rails with a 10k
Ω load. Dual and quad designs
feature completely independent circuitry for lowest
crosstalk and freedom from interaction.
The single (OPA350) and dual (OPA2350) come in the
miniature MSOP-8 surface mount, SO-8 surface mount,
and DIP-8 packages. The quad (OPA4350) packages are
the space-saving SSOP-16 surface mount and SO-14
surface mount. All are specified from −40
°C to +85°C and
operate from −55
°C to +150°C.
SPICE model available at www.ti.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
In D
+In D
V
+In C
In C
Out C
Out A
In A
+In A
V+
+In B
In B
Out B
OPA4350
SO−14
AD
BC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
In D
+In D
V
+In C
In C
Out C
NC
Out A
In A
+In A
+V
+In B
In B
Out B
NC
OPA4350
SSOP−16
AD
BC
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
−In
+In
V
OPA350
DIP−8, SO−8, MSOP−8
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
OPA2350
DIP−8, SO−8, MSOP−8
A
B
All trademarks are the property of their respective owners.
OPA350
OPA2350
OPA4350
High-Speed, Single-Supply, Rail-to-Rail
OPERATIONAL AMPLIFIERS
Micro
Amplifier
tSeries
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2000−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA2350UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2350UA BURR-BROWN-OPA2350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2350UA BURR-BROWN-OPA2350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350UA TI-OPA2350UA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA2350UA TI1-OPA2350UA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA2350UA/2K5 BURR-BROWN-OPA2350UA/2K5 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA2350UA2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com