Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219BID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA219BID
Description  Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219BID Datasheet(HTML) 2 Page - Texas Instruments

  INA219BID Datasheet HTML 1Page - Texas Instruments INA219BID Datasheet HTML 2Page - Texas Instruments INA219BID Datasheet HTML 3Page - Texas Instruments INA219BID Datasheet HTML 4Page - Texas Instruments INA219BID Datasheet HTML 5Page - Texas Instruments INA219BID Datasheet HTML 6Page - Texas Instruments INA219BID Datasheet HTML 7Page - Texas Instruments INA219BID Datasheet HTML 8Page - Texas Instruments INA219BID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
INA219
SBOS448F
– AUGUST 2008 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. PACKAGING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SO-8
D
I219A
INA219A
SOT23-8
DCN
A219
SO-8
D
I219B
INA219B
SOT23-8
DCN
B219
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
INA219 product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
INA219
UNIT
Supply Voltage, VS
6
V
Differential (VIN+) – (VIN–)
(2)
–26 to +26
V
Analog Inputs,
VIN+, VIN–
Common-Mode
-0.3 to +26
V
SDA
GND
– 0.3 to +6
V
SCL
GND
– 0.3 to VS + 0.3
V
Input Current Into Any Pin
5
mA
Open-Drain Digital Output Current
10
mA
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model
4000
V
ESD Ratings
Charged-Device Model
750
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– may have a differential voltage of –26V to +26V; however, the voltage at these pins must not exceed the range –0.3V to
+26V.
2
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): INA219


Similar Part No. - INA219BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219BID TI1-INA219BID Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BID TI1-INA219BID Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNR TI1-INA219BIDCNR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNR TI1-INA219BIDCNR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNT TI1-INA219BIDCNT Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com