Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350UA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA350UA Datasheet(HTML) 4 Page - Texas Instruments

  OPA350UA Datasheet HTML 1Page - Texas Instruments OPA350UA Datasheet HTML 2Page - Texas Instruments OPA350UA Datasheet HTML 3Page - Texas Instruments OPA350UA Datasheet HTML 4Page - Texas Instruments OPA350UA Datasheet HTML 5Page - Texas Instruments OPA350UA Datasheet HTML 6Page - Texas Instruments OPA350UA Datasheet HTML 7Page - Texas Instruments OPA350UA Datasheet HTML 8Page - Texas Instruments OPA350UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V (continued)
Boldface limits apply over the temperature range, TA = −40°C to +85°C. VS = 5V.
All specifications at TA = +25°C, RL = 1kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.
OPA350, OPA2350, OPA4350
PARAMETER
UNIT
MAX
TYP(1)
MIN
TEST CONDITIONS
OUTPUT
Voltage Output Swing from Rail(4)
VOUT
RL = 10kΩ, AOL ≥ 100dB
10
50
mV
TA = −40°C to +85°C
RL = 10kW, AOL . 100dB
50
mV
RL = 1kΩ, AOL ≥ 100dB
25
200
mV
TA = −40°C to +85°C
RL = 1kW, AOL . 100dB
200
mV
Output Current
IOUT
±40(5)
mA
Short-Circuit Current
ISC
±80
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
POWER SUPPLY
Operating Voltage Range
VS
TA = −40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
5.2
7.5
mA
TA = −40°C to +85°C
IO = 0
8.5
mA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−55
+150
°C
Storage Range
−55
+150
°C
Thermal Resistance
qJA
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
DIP-8
100
°C/W
SO-14 Surface Mount
100
°C/W
SSOP-16 Surface Mount
100
°C/W
(1) VS = +5V.
(2) VOUT = 0.25V to 2.75V.
(3) NTSC signal generator used. See Figure 6 for test circuit.
(4) Output voltage swings are measured between the output and power supply rails.
(5) See typical characteristic curve, Output Voltage Swing vs Output Current.


Similar Part No. - OPA350UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350UA BURR-BROWN-OPA350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350UA BURR-BROWN-OPA350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350UA TI-OPA350UA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350UA TI1-OPA350UA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA350UA-2K5 TI-OPA350UA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA350UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com